Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 329Page - Renesas Technology Corp SH7108 Datasheet HTML 330Page - Renesas Technology Corp SH7108 Datasheet HTML 331Page - Renesas Technology Corp SH7108 Datasheet HTML 332Page - Renesas Technology Corp SH7108 Datasheet HTML 333Page - Renesas Technology Corp SH7108 Datasheet HTML 334Page - Renesas Technology Corp SH7108 Datasheet HTML 335Page - Renesas Technology Corp SH7108 Datasheet HTML 336Page - Renesas Technology Corp SH7108 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 299 of 522
REJ09B0069-0100
Table 10.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (3)
Operating Frequency P
φ (MHz)
24
25
26
28
30
Logical Bit
Rate (bit/s)
n
N
n
N
n
N
n
N
n
N
250
3
187
3
194
3
202
3
218
3
233
500
—
—
—
—
3
101
3
108
3
116
1000
2
187
2
194
2
202
2
218
2
233
2500
2
74
—
—
—
—
—
—
—
—
5000
1
149
1
155
1
162
1
174
1
187
10000
1
74
—
—
—
—
—
—
—
—
25000
1
29
0
249
—
—
1
34
—
—
50000
1
14
0
124
0
129
0
139
0
149
100000
0
59
—
—
0
64
0
69
0
74
250000
0
23
0
24
0
25
0
27
0
29
500000
0
11
—
—
0
12
0
13
0
14
1000000
0
5
—
—
—
—
0
6
—
—
2500000
—
—
—
—
—
—
—
—
0
2
5000000
—
—
—
—
—
—
—
—
—
—
Table 10.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (4)
Operating Frequency P
φ (MHz)
32
34
36
38
40
Logical Bit
Rate (bit/s)
n
N
n
N
n
N
n
N
n
N
250
3
249
—
—
—
—
—
—
—
—
500
3
124
3
132
3
140
3
147
3
155
1000
2
249
—
—
—
—
—
—
—
—
2500
2
99
2
105
2
112
2
118
2
124
5000
2
49
1
212
1
224
1
237
1
249
10000
2
24
1
105
1
112
1
118
1
124
25000
2
9
—
—
1
44
—
—
1
49
50000
2
4
0
169
0
179
0
189
1
24
100000
1
9
0
84
0
89
0
94
0
99
250000
1
3
0
33
0
35
0
37
0
39
500000
1
1
0
16
0
17
0
18
0
19
1000000
1
0
—
—
0
8
—
—
0
9
2500000
—
—
—
—
—
—
—
—
0
3
5000000
—
—
—
—
—
—
—
—
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com