Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp HD6433635SW Datasheet HTML 207Page - Renesas Technology Corp HD6433635SW Datasheet HTML 208Page - Renesas Technology Corp HD6433635SW Datasheet HTML 209Page - Renesas Technology Corp HD6433635SW Datasheet HTML 210Page - Renesas Technology Corp HD6433635SW Datasheet HTML 211Page - Renesas Technology Corp HD6433635SW Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 418 page
background image
194
9.4.5
Application Notes
Input Clock Switching and TCG Operation: Depending on when the input clock is switched,
there will be cases in which TCG is incremented in the process. Table 9.11 shows the relation
between internal clock switchover timing (selected in bits CKS1 and CKS0) and TCG operation.
If an internal clock (derived from the system clock ø or subclock ø
SUB) is used, an increment pulse
is generated when a falling edge of the internal clock is detected. For this reason, in a case like No.
3 in table 9.11, where the clock is switched at a time such that the clock signal goes from high
level before switching to low level after switching, the switchover is seen as a falling edge to
generate the count clock, causing TCG to be incremented.
Table 9.11
Internal Clock Switching and TCG Operation
No.
Clock Levels Before
and After Modifying
Bits CKS1 and CKS0
TCG Operation
1
Goes from low level
to low level
N +1
Clock before
switching
Clock after
switching
Count clock
TCG
CKS bits modified
N
2
Goes from low level
to high level
N +1
N +2
Clock before
switching
Clock after
switching
Count clock
TCG
CKS bits modified
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com