Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp HD6433635SW Datasheet HTML 207Page - Renesas Technology Corp HD6433635SW Datasheet HTML 208Page - Renesas Technology Corp HD6433635SW Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 418 page
background image
191
Timer G has a noise canceller circuit that rejects high-frequency pulse noise in the input to pin
TMIG. See 9.4.3, Noise Canceller Circuit, for details.
Note: * Rewriting the TMIG bit may cause an internal input capture signal to be generated.
• Interval timer operation
Timer G functions as an interval timer when bit TMIG is cleared to 0 in PMR1. Following a
reset, TCG starts counting cycles of the ø/64 internal clock. This is one of four internal clock
sources that can be selected by bits CKS1 and CKS0 of TMG. TCG counts up according to the
selected clock source. When it overflows from H'FF to H'00, bit OVFL of TMG is set to 1. If
bit OVIE of TMG is currently set to 1, then bit IRRTG is set to 1 in IRR2. If bit IENTG is also
set to 1 in IENR2, then timer G requests a CPU interrupt. For further details see 3.3, Interrupts.
Count Timing: TCG is incremented by input pulses from an internal clock. TMG bits CKS1 and
CKS0 select one of four internal clocks (ø/64, ø/32, ø/2, ø
W/2) derived by dividing the system
clock (ø) and the watch clock (ø
W).
Timing of Internal Input Capture Signals:
• Timing with noise canceller function disabled
Separate internal input capture signals are generated from the rising and falling edges of the
external input signal.
Figure 9.9 shows the timing of these signals.
External input
capture signal
Internal input
capture signal F
Internal input
capture signal R
Figure 9.9 Input Capture Signal Timing (Noise Canceller Function Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com