Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 197Page - Renesas Technology Corp HD6433635SW Datasheet HTML 198Page - Renesas Technology Corp HD6433635SW Datasheet HTML 199Page - Renesas Technology Corp HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 418 page
background image
187
Timer Mode Register G (TMG)
Bit
76543210
OVFH
OVFL
OVIE
IIEGS
CCLR1
CCLR0
CKS1
CKS0
Initial value
00000000
Read/Write
R/W*
R/W*
R/W
R/W
R/W
R/W
R/W
R/W
Note: * Only 0 can be written, to clear flag.
TMG is an 8-bit read/write register. It controls the choice of four internal clocks, counter clear
selection, and edge selection for input capture interrupt requests. It also indicates overflow status
and enables or disables overflow interrupt requests.
Upon reset, TMG is initialized to H'00.
Bit 7—Timer Overflow Flag H (OVFH): Bit 7 is a status flag indicating that TCG overflowed
(from H'FF to H'00) when the input capture signal was high. This flag is set by hardware and
cleared by software. It cannot be set by software.
Bit 7: OVFH
Description
0
[Clearing conditions]
(initial value)
After reading OVFH = 1, cleared by writing 0 to OVFH
1
[Setting conditions]
Set when the value of TCG overflows from H'FF to H'00
Bit 6—Timer Overflow Flag L (OVFL): Bit 6 is a status flag indicating that TCG overflowed
(from H'FF to H'00) when the input capture signal was low, or in interval timer operation. This
flag is set by hardware and cleared by software. It cannot be set by software.
Bit 6: OVFL
Description
0
[Clearing conditions]
(initial value)
After reading OVFL = 1, cleared by writing 0 to OVFL
1
[Setting conditions]
Set when the value of TCG overflows from H'FF to H'00
Bit 5—Timer Overflow Interrupt Enable (OVIE): Bit 5 enables or disables TCG overflow
interrupts.
Bit 5: OVIE
Description
0
TCG overflow interrupt disabled
(initial value)
1
TCG overflow interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com