Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 198Page - Renesas Technology Corp HD6433635SW Datasheet HTML 199Page - Renesas Technology Corp HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 418 page
background image
188
Bit 4—Input Capture Interrupt Edge Select (IIEGS): Bit 4 selects the input signal edge at
which input capture interrupts are requested.
Bit 4: IIEGS
Description
0
Interrupts are requested at the rising edge of the input capture signal
(initial value)
1
Interrupts are requested at the falling edge of the input capture signal
Bits 3, 2—Counter Clear 1, 0 (CCLR1, CCLR0): Bits 3 and 2 designate whether TCG is
cleared at the rising, falling, or both edges of the input capture signal, or is not cleared.
Bit 3: CCLR1
Bit 2: CCLR0
Description
0
0
TCG is not cleared
(initial value)
1
TCG is cleared at the falling edge of the input capture
signal
1
0
TCG is cleared at the rising edge of the input capture
signal
1
TCG is cleared at both edges of the input capture signal
Bits 1, 0—Clock Select (CKS1, CKS0): Bits 1 and 0 select the clock input to TCG from four
internal clock signals.
Bit 1: CKS1
Bit 0: CKS0
Description
0
0
Internal clock: ø/64
(initial value)
1
Internal clock: ø/32
1
0
Internal clock: ø/2
1
Internal clock: ø
W/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com