Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 195Page - Renesas Technology Corp HD6433635SW Datasheet HTML 196Page - Renesas Technology Corp HD6433635SW Datasheet HTML 197Page - Renesas Technology Corp HD6433635SW Datasheet HTML 198Page - Renesas Technology Corp HD6433635SW Datasheet HTML 199Page - Renesas Technology Corp HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 418 page
background image
185
Register Configuration: Table 9.9 shows the register configuration of timer G.
Table 9.9
Timer G Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register G
TMG
R/W
H'00
H'FFBC
Timer counter G
TCG
—
H'00
—
Input capture register GF
ICRGF
R
H'00
H'FFBD
Input capture register GR
ICRGR
R
H'00
H'FFBE
9.4.2
Register Descriptions
Timer Counter G (TCG)
Bit
76543210
TCG7
TCG6
TCG5
TCG4
TCG3
TCG2
TCG1
TCG0
Initial value
00000000
Read/Write
————————
Timer counter G (TCG) is an 8-bit up-counter which is incremented by an input clock. The input
clock signal is selected by bits CKS1 and CKS0 in timer mode register G (TMG).
To use TCG as an input capture timer, set bit TMIG to 1 in PMR1; to use TCG as an interval
timer, clear bit TMIG to 0.* When TCG is used as an input capture timer, the TCG value can be
cleared at the rising edge, falling edge, or both edges of the input capture signal, depending on
settings in TMG.
When TCG overflows (goes from H'FF to H'00), if the timer overflow interrupt enable bit (OVIE)
is set to 1 in TMG, bit IRRTG in interrupt request register 2 (IRR2) is set to 1. If in addition bit
IENTG in interrupt enable register 2 (IENR2) is set to 1, a CPU interrupt is requested. Details on
interrupts are given in 3.3, Interrupts.
TCG cannot be read or written by the CPU.
Upon reset, TCG is initialized to H'00.
Note: * An input capture signal may be generated when TMIG is rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com