Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 196Page - Renesas Technology Corp HD6433635SW Datasheet HTML 197Page - Renesas Technology Corp HD6433635SW Datasheet HTML 198Page - Renesas Technology Corp HD6433635SW Datasheet HTML 199Page - Renesas Technology Corp HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 418 page
background image
186
Input Capture Register GF (ICRGF)
Bit
76543210
ICRGF7 ICRGF6 ICRGF5 ICRGF4 ICRGF3 ICRGF2 ICRGF1 ICRGF0
Initial value
00000000
Read/Write
RRRRRRRR
ICRGF is an 8-bit read-only register. When the falling edge of the input capture signal is detected,
the TCG value at that time is transferred to ICRGF. If the input capture interrupt select bit (IIEGS)
is set to 1 in TMG, bit IRRTG in interrupt request register 2 (IRR2) is set to 1. If in addition bit
IENTG in interrupt enable register 2 (IENR2) is set to 1, a CPU interrupt is requested. Details on
interrupts are given in 3.3, Interrupts.
To ensure proper input capture when the noise canceller is not used, the pulse width of the input
capture signal should be at least 2ø or 2ø
SUB.
Upon reset, ICRGF is initialized to H'00.
Input Capture Register GR (ICRGR)
Bit
76543210
ICRGR7 ICRGR6 ICRGR5 ICRGR4 ICRGR3 ICRGR2 ICRGR1 ICRGR0
Initial value
00000000
Read/Write
RRRRRRRR
ICRGR is an 8-bit read-only register. When the rising edge of the input capture signal is detected,
the TCG value at that time is sent to ICRGR. If the IIEGS bit is cleared to 0 in TMG, bit IRRTG
in interrupt request register 2 (IRR2) is set to 1. If in addition bit IENTG in interrupt enable
register 2 (IENR2) is set to 1, a CPU interrupt is requested. Details on interrupts are given in 3.3,
Interrupts.
To ensure proper input capture when the noise canceller is not used, the pulse width of the input
capture signal should be at least 2ø or 2ø
SUB.
Upon reset, ICRGR is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com