Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp HD6433635SW Datasheet HTML 207Page - Renesas Technology Corp HD6433635SW Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 418 page
background image
190
Figure 9.8 shows a typical timing diagram for the noise canceller circuit. In this example, a high-
level input at the input capture pin is rejected as noise because its pulse width is less than five
sampling clock ø cycles.
Input capture
input signal
Sampling
clock
Noise canceller
output
Rejected as noise
Figure 9.8 Noise Canceller Circuit Timing (Example)
9.4.4
Timer Operation
Timer G Functions: Timer G is an 8-bit up-counter that functions as an input capture timer or an
interval timer. These two functions are described below.
• Input capture timer operation
Timer G functions as an input capture timer when bit TMIG of port mode register 1 (PMR1) is
set to 1.*
At reset, timer mode register G (TMG), timer counter G (TCG), input capture register GF
(ICRGF), and input capture register GR (ICRGR) are all initialized to H'00.
Immediately after reset, TCG begins counting an internal clock with a frequency of ø divided
by 64 (ø/64). The clock to be input can be selected by using bits CKS1 and CKS0 in TMG
from four internal clock sources.
At the rising edge/falling edge of the input capture signal input to pin TMIG, the value of TCG
is copied into ICRGR/ICRGF. If the input edge is the same as the edge selected by the IIEGS
bit of TMG, then bit IRRTG is set to 1 in IRR2. If bit IENTG is also set to 1 in IENR2, a CPU
interrupt is requested. For details on interrupts, see 3.3, Interrupts.
TCG can be cleared to 0 at the rising edge, falling edge, or both edges of the input capture
signal as determined with bits CCLR1 and CCLR0 of TMG. If TCG overflows while the input
capture signal is high, bit OVFH of TMG is set. If TCG overflows while the input capture
signal is low, bit OVFL of TMG is set. When either of these bits is set, if bit OVIE of TMG is
currently set to 1, then bit IRRTG is set to 1 in IRR2. If bit IENTG is also set to 1 in IENR2,
then timer G requests a CPU interrupt. For further details see 3.3, Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com