Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp HD6433635SW Datasheet HTML 207Page - Renesas Technology Corp HD6433635SW Datasheet HTML 208Page - Renesas Technology Corp HD6433635SW Datasheet HTML 209Page - Renesas Technology Corp HD6433635SW Datasheet HTML 210Page - Renesas Technology Corp HD6433635SW Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 418 page
background image
193
TCG Clear Timing: TCG can be cleared at the rising edge, falling edge, or both edges of the
external input capture signal. Figure 9.12 shows the timing for clearing at both edges.
External input
capture signal
Internal input
capture signal F
Internal input
capture signal R
TCG
N
H'00
N
H'00
Figure 9.12 TCG Clear Timing
Timer G Operation States: Table 9.10 summarizes the timer G operation states.
Table 9.10
Timer G Operation States
Operation Mode
Reset
Active
Sleep
Watch
Sub-
active
Sub-
sleep
Standby
TCG
Input
capture
Reset
Functions* Functions* Halted
Functions/
Halted*
Functions/
Halted*
Halted
Interval
Reset
Functions* Functions* Retained
Functions/
Halted*
Functions/
Halted*
Halted
ICRGF
Reset
Functions* Functions* Retained
Functions/
Halted*
Functions/
Halted*
Retained
ICRGR
Reset
Functions* Functions* Retained
Functions/
Halted*
Functions/
Halted*
Retained
TMG
Reset
Functions
Retained
Retained
Functions Retained
Retained
Note: * In active mode and sleep mode, if ø
W/2 is selected as the TCG internal clock, since the
system clock and internal clock are not synchronized with each other, a synchronization
circuit is used. This may result in a count cycle error of up to 1/ø (s). In subactive mode and
subsleep mode, if ø
W/2 is selected as the TCG internal clock, regardless of the subclock
ø/SUB (ø
W/2, øW/4, øW/8) TCG and the noise canceller circuit run on an internal clock of
ø
W/2. If any other internal clock is chosen, TCG and the noise canceller circuit will not run,
and the input capture function will not operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com