Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 199Page - Renesas Technology Corp HD6433635SW Datasheet HTML 200Page - Renesas Technology Corp HD6433635SW Datasheet HTML 201Page - Renesas Technology Corp HD6433635SW Datasheet HTML 202Page - Renesas Technology Corp HD6433635SW Datasheet HTML 203Page - Renesas Technology Corp HD6433635SW Datasheet HTML 204Page - Renesas Technology Corp HD6433635SW Datasheet HTML 205Page - Renesas Technology Corp HD6433635SW Datasheet HTML 206Page - Renesas Technology Corp HD6433635SW Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 418 page
background image
189
9.4.3
Noise Canceller Circuit
The noise canceller circuit built into the H8/3637S Series is a digital low-pass filter that rejects
high-frequency pulse noise in the input at the input capture pin. The noise canceller circuit is
enabled by the noise canceller select (NCS)* bit in port mode register 2 (PMR2).
Figure 9.7 shows a block diagram of the noise canceller circuit.
Input capture
signal
Sampling clock
Match
detection
circuit
Noise
canceller
output
t: Selected by bits CKS1, CKS0.
Sampling clock
C
latch
D
Q
C
latch
D
Q
C
latch
D
Q
C
latch
D
Q
C
latch
D
Q
∆ t
∆
Figure 9.7 Block Diagram of Noise Canceller Circuit
The noise canceller consists of five latch circuits connected in series, and a match detection
circuit. When the noise canceller function is disabled (NCS = 0), the system clock is selected as
the sampling clock. When the noise canceller is enabled (NCS = 1), the internal clock selected by
bits CKS1 and CKS0 in TMG becomes the sampling clock. The input signal is sampled at the
rising edge of this clock pulse. Data is considered correct when the outputs of all five latch circuits
match. If they do not match, the previous value is retained. Upon reset, the noise canceller output
is initialized after the falling edge of the input capture signal has been sampled five times.
Accordingly, after the noise canceller function is enabled, pulses that have a pulse width five times
greater than the sampling clock will be recognized as input capture signals.
If the noise canceller circuit is not used, the input capture signal pulse width must be at least 2ø or
2ø
SUB in order to ensure proper input capture operation.
Note:
Rewriting the NCS bit may cause an internal input capture signal to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com