Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 278Page - Renesas Technology Corp HD6433635SW Datasheet HTML 279Page - Renesas Technology Corp HD6433635SW Datasheet HTML 280Page - Renesas Technology Corp HD6433635SW Datasheet HTML 281Page - Renesas Technology Corp HD6433635SW Datasheet HTML 282Page - Renesas Technology Corp HD6433635SW Datasheet HTML 283Page - Renesas Technology Corp HD6433635SW Datasheet HTML 284Page - Renesas Technology Corp HD6433635SW Datasheet HTML 285Page - Renesas Technology Corp HD6433635SW Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 418 page
background image
268
10.3.7
Interrupts
SCI3 has six interrupt sources: transmit end, transmit data empty, receive data full, and the three
receive error interrupts (overrun error, framing error, and parity error). All share a common
interrupt vector. Table 10.16 describes each interrupt.
Table 10.16 SCI3 Interrupts
Interrupt
Interrupt Request
Vector Address
RXI
Interrupt request due to receive data register full (RDRF)
H'0024
TXI
Interrupt request due to transmit data register empty (TDRE)
TEI
Interrupt request due to transmit end (TEND)
ERI
Interrupt request due to receive error (OER, FER, or PER)
The interrupt requests are enabled and disabled by bits TIE and RIE of SCR3.
When bit TDRE in SSR is set to 1, TXI is requested. When bit TEND in SSR is set to 1, TEI is
requested. These two interrupt requests occur during data transmission.
The initial value of bit TDRE is 1. Accordingly, if the transmit data empty interrupt request (TXI)
is enabled by setting bit TIE to 1 in SCR3 before placing transmit data in TDR, TXI will be
requested even though no transmit data has been readied.
Likewise, the initial value of bit TEND is 1. Accordingly, if the transmit end interrupt request
(TEI) is enabled by setting bit TEIE to 1 in SCR3 before placing transmit data in TDR, TEI will be
requested even though no data has been transmitted.
These interrupt features can be used to advantage by programming the interrupt handler to move
the transmit data into TDR. When this technique is not used, the interrupt enable bits (TIE and
TEIE) should not be set to 1 until after TDR has been loaded with transmit data, to avoid
unwanted TXI and TEI interrupts.
When bit RDRF in SSR is set to 1, RXI is requested. When any of SSR bits OER, FER, or PER is
set to 1, ERI is requested. These two interrupt requests occur during the receiving of data.
Details on interrupts are given in 3.3, Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com