Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 282Page - Renesas Technology Corp HD6433635SW Datasheet HTML 283Page - Renesas Technology Corp HD6433635SW Datasheet HTML 284Page - Renesas Technology Corp HD6433635SW Datasheet HTML 285Page - Renesas Technology Corp HD6433635SW Datasheet HTML 286Page - Renesas Technology Corp HD6433635SW Datasheet HTML 287Page - Renesas Technology Corp HD6433635SW Datasheet HTML 288Page - Renesas Technology Corp HD6433635SW Datasheet HTML 289Page - Renesas Technology Corp HD6433635SW Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 418 page
background image
272
Relationship between Bit RDRF and Reading RDR: While SCI3 is receiving, it checks the
RDRF flag. If the RDRF flag is cleared to 0 when the reception of one frame of data is completed,
data reception ends normally. If RDRF is set to 1, an overrun error occurs.
RDRF is automatically cleared to 0 when the contents of RDR are read. If RDR is read more than
once, the second and later reads will be performed with RDRF cleared to 0. Note that when RDR
is read while RDRF is 0, data from the next frame may be read if this reading operation is carried
out at the same time that the reception of the next frame is completed. This is illustrated in figure
10.25.
Communica-
tion line
RDRF
RDR
Frame 1
Frame 2
Frame 3
Data 1
Data 2
Data 3
Data 1
Data 2
RDR read
RDR read
At (A), data 1 is read.
At (B), data 2 is read.
(A)
(B)
Figure 10.25 Relationship between Data and RDR Read Timing
To avoid the situation described above, RDR reading should be carried out only once (not two or
more times) after confirming that bit RDRF is set to 1.
When reading RDR more than once, be sure to copy any data read for the first time to RAM, for
example, and use the copied data. Also note that RDR reading should be carried out with a safe
margin just before reception of the next frame is completed. More concretely, RDR reading should
be completed before transferring bit 7 in the synchronous mode or before transferring the stop bit
in the asynchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com