Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 279Page - Renesas Technology Corp HD6433635SW Datasheet HTML 280Page - Renesas Technology Corp HD6433635SW Datasheet HTML 281Page - Renesas Technology Corp HD6433635SW Datasheet HTML 282Page - Renesas Technology Corp HD6433635SW Datasheet HTML 283Page - Renesas Technology Corp HD6433635SW Datasheet HTML 284Page - Renesas Technology Corp HD6433635SW Datasheet HTML 285Page - Renesas Technology Corp HD6433635SW Datasheet HTML 286Page - Renesas Technology Corp HD6433635SW Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 418 page
background image
269
10.3.8
Application Notes
When using SCI3, attention should be paid to the following matters.
Relation between Bit TDRE and Writing Data to TDR: Bit TDRE in the serial status register
(SSR) is a status flag indicating that TDR does not contain new transmit data. TDRE is
automatically cleared to 0 when data is written to TDR. When SCI3 transfers data from TDR to
TSR, bit TDRE is set to 1.
Data can be written to TDR regardless of the status of bit TDRE. However, if new data is written
to TDR while TDRE is cleared to 0, assuming the data held in TDR has not yet been shifted to
TSR, it will be lost. For this reason, it is recommended for securing serial data transmission that
writing transmit data to TDR should be performed only once (not two or more times), always after
confirming that bit TDRE is set to 1.
Operation when Multiple Receive Errors Occur at the Same Time: When two or more receive
errors occur at the same time, the status flags in SSR are set as shown in table 10.17. If an overrun
error occurs, data is not transferred from RSR to RDR, and receive data is lost.
Table 10.17
SSR Status Flag States and Transfer of Receive Data
SSR Status Flags
Receive Data Transfer
RDRF* OER
FER
PER
(RSR
→ RDR)
Receive Error Status
11
0
0
×
Overrun error
00
1
0
Framing error
00
0
1
Parity error
11
1
0
×
Overrun error + framing error
11
0
1
×
Overrun error + parity error
00
1
1
Framing error + parity error
11
1
1
×
Overrun error + framing error + parity error
: Receive data transferred from RSR to RDR
× : Receive data not transferred from RSR to RDR
Note: * RDRF keeps the same state as before the data was received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com