Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 281Page - Renesas Technology Corp HD6433635SW Datasheet HTML 282Page - Renesas Technology Corp HD6433635SW Datasheet HTML 283Page - Renesas Technology Corp HD6433635SW Datasheet HTML 284Page - Renesas Technology Corp HD6433635SW Datasheet HTML 285Page - Renesas Technology Corp HD6433635SW Datasheet HTML 286Page - Renesas Technology Corp HD6433635SW Datasheet HTML 287Page - Renesas Technology Corp HD6433635SW Datasheet HTML 288Page - Renesas Technology Corp HD6433635SW Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 418 page
background image
271
16 clock cycles
8 clock cycles
Start bit
Internal base
clock
Receive data
(RXD)
Synchronization
sampling timing
Data sampling
timing
07
15
7
15 0
D0
D1
0
Figure 10.24 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in asynchronous mode can therefore be derived from the following equation.
M = (0.5 –
) –
– (L – 0.5) F
× 100%
1
2N
D – 0.5
N
...................... Equation (1)
M: Receive margin (%)
N: Ratio of clock frequency to bit rate (N = 16)
D: Clock duty cycle (D = 0.5 to 1)
L: Frame length (L = 9 to 12)
F: Absolute value of clock frequency error
In equation (1), if F (absolute value of clock frequency error) = 0 and D (clock duty cycle) = 0.5,
the receive margin is 46.875% as given by equation (2) below.
When D = 0.5 and F = 0,
M = {0.5 – 1/(2
× 16)} × 100% = 46.875% ...................................... Equation (2)
This value is theoretical. In actual system designs a margin of from 20 to 30 percent should be
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com