Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 30Page - Renesas Technology Corp 32186 Datasheet HTML 31Page - Renesas Technology Corp 32186 Datasheet HTML 32Page - Renesas Technology Corp 32186 Datasheet HTML 33Page - Renesas Technology Corp 32186 Datasheet HTML 34Page - Renesas Technology Corp 32186 Datasheet HTML 35Page - Renesas Technology Corp 32186 Datasheet HTML 36Page - Renesas Technology Corp 32186 Datasheet HTML 37Page - Renesas Technology Corp 32186 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1032 page
background image
1
OVERVIEW
1-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 1.4.1 Pin Assignments of the 32185/32186 Group (3/4)
Note 1: The pins are outputted at two places.
Note 2: The JTCK, JTDI, JTDO and JTMS pins are reset by input from the JTRST pin, not reset from the RESET# pin.
FP
AVSS0
EXCVCC
VSS
P174/TXD2/TO28
P175/RXD2/TO27
VCCER
P82/TXD0/TO26
P83/RXD0/TO25
P84/SCLKI0/
SCLKO0/TO24
P85/TXD1/TO23
P86/RXD1/TO22
P87/SCLKI1/
SCLKO1/TO21
VSS
EXCVDD
P61
P62
P63
SBI#
P70/CLKOUT/WR#
/BCLK
P71/WAIT#
P72/HREQ#/TIN27
P73/HACK#/TIN26
P74/RTDTXD/
TXD3/NBDD0
P75/RTDRXD/
RXD3/NBDD1
P76/RTDACK/
CTX1/NBDD2
P77/RTDCLK/
CRX1/NBDD3
P93/TO16/
SCLKI5/SCLKO5
P94/TO17/
TXD5/DD15
P95/TO18/
RXD5/DD14
P96/TO19/DD13
P97/TO20/DD12
RESET#
MOD0
MOD1
VCCE
VSS
P110/TO0/TO29/DD11
P111/TO1/TO30/DD10
P112/TO2/TO31/DD9
P113/TO3/TO32/DD8
P114/TO4/TO33/DD7
P115/TO5/TO34/DD6
P116/TO6/TO35/DD5
P117/TO7/TO36/DD4
P100/TO8
P101/TO9/CRX0
P102/TO10/CTX0
VDDE
JTMS (Note2)
JTCK/NBDCLK (Note2)
JTRST (Note2)
JTDO/NBDEVNT# (Note2)
JTDI/NBDSYNC# (Note2)
P103/TO11/TIN24
P104/TO12/TIN25/DD3
P105/TO13/
SCLKI4/SCLKO4/DD2
P106/TO14/TXD4/DD1
Port
-
-
-
P174
P175
-
P82
P83
P84
P85
P86
P87
-
-
P61
P62
P63
P70
P71
P72
P73
P74
P75
P76
P77
P93
P94
P95
P96
P97
-
-
-
-
-
-
P110
P111
P112
P113
P114
P115
P116
P117
P100
P101
P102
-
-
-
-
-
-
P103
P104
P105
P106
Function 1
AVSS0
EXCVCC
VSS
TXD2
RXD2
VCCER
TXD0
RXD0
SCLKI0/
SCLKO0
TXD1
RXD1
SCLKI1/
SCLKO1
VSS
EXCVDD
-
-
-
SBI#
CLKOUT/
WR#
WAIT#
HREQ#
HACK#
RTDTXD
RTDRXD
RTDACK
RTDCLK
TO16
TO17
TO18
TO19
TO20
RESET#
MOD0
MOD1
FP
VCCE
VSS
TO0
TO1
TO2
TO3
TO4
TO5
TO6
TO7
TO8
TO9
TO10
VDDE
JTMS
JTCK
JTRST
JTDO
JTDI
TO11
TO12
TO13
TO14
Function 2
-
-
-
TO28(Note1)
TO27(Note1)
-
TO26(Note1)
TO25(Note1)
TO24(Note1)
TO23(Note1)
TO22(Note1)
TO21(Note1)
-
-
-
-
-
-
BCLK
-
TIN27
TIN26
TXD3(Note1)
RXD3(Note1)
CTX1(Note1)
CRX1(Note1)
SCLKI5/
SCLKO5
TXD5
RXD5
-
-
-
-
-
-
-
-
TO29(Note1)
TO30(Note1)
TO31(Note1)
TO32(Note1)
TO33(Note1)
TO34(Note1)
TO35(Note1)
TO36(Note1)
-
CRX0(Note1)
CTX0(Note1)
-
-
-
-
-
-
TIN24
TIN25
SCLKI4/
SCLKO4
TXD4
DRI function
NBD function
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
NBDD0
NBDD1
NBDD2
NBDD3
-
DD15(Note1)
DD14(Note1)
DD13(Note1)
DD12(Note1)
-
-
-
-
-
-
DD11(Note1)
DD10(Note1)
DD9(Note1)
DD8(Note1)
DD7(Note1)
DD6(Note1)
DD5(Note1)
DD4(Note1)
-
-
-
-
-
NBDCLK
-
NBDEVNT#
NBDSYNC#
-
DD3(Note1)
DD2(Note1)
DD1(Note1)
Function
AVSS0
EXCVCC
VSS
P174
P175
VCCER
P82
P83
P84
P85
P86
P87
VSS
EXCVDD
P61
P62
P63
SBI#
P70
P71
P72
P73
P74
P75
P76
P77
P93
P94
P95
P96
P97
RESET#
MOD0
MOD1
FP
VCCE
VSS
P110
P111
P112
P113
P114
P115
P116
P117
P100
P101
P102
VDDE
JTMS
JTCK
JTRST
JTDO
JTDI
P103
P104
P105
P106
Type
-
-
-
Input
Input
-
Input
Input
Input
Input
Input
Input
-
-
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
-
-
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
-
Input
Input
Input
Output
Input
Input
Input
Input
Input
State
during reset
-
-
-
Hi-Z
Hi-Z
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
State upon
exiting
-
-
-
Hi-Z
Hi-Z
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Pin state when reset
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
Pin
No.
Symbol
-
-
-
Input/output
Input/output
Input/output
Input/output
Input/output
Input/
output
Input/output
Input/output
Input/
output
-
-
Input/output
Input/output
Input/output
Input
Input/
output
Input/output
Input/output
Input/output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/output
Input/output
Input
Input
Input
Input
-
-
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
-
Input
Input
Input
Output
Input
Input/output
Input/output
Input/
output
Input/output
Type
Condition
Function
-
-
-
-
-
-
-
-
-
Power
supply
VCCE
VCCE
VCCE
VCCE
VCCE
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com