Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 58Page - Renesas Technology Corp 32186 Datasheet HTML 59Page - Renesas Technology Corp 32186 Datasheet HTML 60Page - Renesas Technology Corp 32186 Datasheet HTML 61Page - Renesas Technology Corp 32186 Datasheet HTML 62Page - Renesas Technology Corp 32186 Datasheet HTML 63Page - Renesas Technology Corp 32186 Datasheet HTML 64Page - Renesas Technology Corp 32186 Datasheet HTML 65Page - Renesas Technology Corp 32186 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1032 page
background image
3
ADDRESS SPACE
3-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (4/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 01E2
Flash Control Register 1
Flash Control Register 2
6-17
(FCNT1)
(FCNT2)
6-18
H'0080 01E4
Flash Control Register 3
Flash Control Register 4
6-19
(FCNT3)
(FCNT4)
6-22
(Use inhibited area)
H'0080 0200
Common Count Clock Select Register
Clock Bus & Input Event Bus Control Register
10-12
(CNTCKSEL)
(CKIEBCR)
10-17
H'0080 0202
Prescaler Register 0
Prescaler Register 1
10-13
(PRS0)
(PRS1)
H'0080 0204
Prescaler Register 2
Output Event Bus Control Register
10-13
(PRS2)
(OEBCR)
10-18
(Use inhibited area)
H'0080 0210
TCLK Input Processing Control Register
10-21
(TCLKCR)
H'0080 0212
TIN Input Processing Control Register 0
10-22
(TINCR0)
H'0080 0214
TIN Input Processing Control Register 1
10-23
(TINCR1)
H'0080 0216
TIN Input Processing Control Register 2
10-24
(TINCR2)
H'0080 0218
TIN Input Processing Control Register 3
10-25
(TINCR3)
H'0080 021A
TIN Input Processing Control Register 4
10-25
(TINCR4)
(Use inhibited area)
H'0080 0220
F/F Source Select Register 0
10-28
(FFS0)
H'0080 0222
(Use inhibited area)
F/F Source Select Register 1
10-29
(FFS1)
H'0080 0224
F/F Protect Register 0
10-30
(FFP0)
H'0080 0226
F/F Data Register 0
10-32
(FFD0)
H'0080 0228
(Use inhibited area)
F/F Protect Register 1
10-30
(FFP1)
H'0080 022A
(Use inhibited area)
F/F Data Register 1
10-32
(FFD1)
(Use inhibited area)
H'0080 0230
TOP Interrupt Control Register 0
TOP Interrupt Control Register 1
10-38
(TOPIR0)
(TOPIR1)
H'0080 0232
TOP Interrupt Control Register 2
TOP Interrupt Control Register 3
10-40
(TOPIR2)
(TOPIR3)
10-41
H'0080 0234
TIO Interrupt Control Register 0
TIO Interrupt Control Register 1
10-42
(TIOIR0)
(TIOIR1)
10-43
H'0080 0236
TIO Interrupt Control Register 2
TMS Interrupt Control Register
10-44
(TIOIR2)
(TMSIR)
10-45
H'0080 0238
TIN Interrupt Control Register 0
TIN Interrupt Control Register 1
10-46
(TINIR0)
(TINIR1)
10-47
H'0080 023A
TIN Interrupt Control Register 2
TIN Interrupt Control Register 3
10-48
(TINIR2)
(TINIR3)
H'0080 023C
TIN Interrupt Control Register 4
TIN Interrupt Control Register 5
10-50
(TINIR4)
(TINIR5)
H'0080 023E
TIN Interrupt Control Register 6
TIN Interrupt Control Register 7
10-52
(TINIR6)
(TINIR7)
10-55
H'0080 0240
TOP0 Counter
10-71
(TOP0CT)
H'0080 0242
TOP0 Reload Register
10-72
(TOP0RL)
H'0080 0244
(Use inhibited area)
H'0080 0246
TOP0 Correction Register
10-73
(TOP0CC)
(Use inhibited area)
|
|
|
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com