Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 34Page - Renesas Technology Corp 32186 Datasheet HTML 35Page - Renesas Technology Corp 32186 Datasheet HTML 36Page - Renesas Technology Corp 32186 Datasheet HTML 37Page - Renesas Technology Corp 32186 Datasheet HTML 38Page - Renesas Technology Corp 32186 Datasheet HTML 39Page - Renesas Technology Corp 32186 Datasheet HTML 40Page - Renesas Technology Corp 32186 Datasheet HTML 41Page - Renesas Technology Corp 32186 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1032 page
background image
2
CPU
2-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
2.3 Control Registers
There are 6 control registers which are the Processor Status Word Register (PSW), the Condition Bit Regis-
ter (CBR), the Interrupt Stack Pointer (SPI), the User Stack Pointer (SPU), the Backup PC (BPC) and the
Floating-point Status Register (FPSR).
The dedicated MVTC and MVFC instructions are used for writing and reading these control registers.
In addition, the SM bit, IE bit and C bit of the PSW can also be set by the SETPSW or CLRPSW instruction.
Figure 2.3.1 Control Registers
2.1 CPU Registers
2.1 CPU Registers
The M32R-FPU has 16 general-purpose registers, 6 control registers, an accumulator and a program
counter. The accumulator is of 56-bit configuration, and all other registers are of 32-bit configuration.
2.2 General-purpose Registers
The 16 general-purpose registers (R0–R15) are of 32-bit width and are used to retain data and base address, as
well as for integer calculations, floating-point operations, etc. R14 is used as the link register and R15 as the
stack pointer. The link register is used to store the return address when executing a subroutine call instruction.
The Interrupt Stack Pointer (SPI) and the User Stack Pointer (SPU) are alternately represented by R15 depend-
ing on the value of the Stack Mode (SM) bit in the Processor Status Word Register (PSW).
Upon exiting the reset state, the value of the general-purpose registers is undefined.
Figure 2.2.1 General-purpose Registers
b0
b0
b31
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14 (Link register)
R15 (Stack pointer) (Note 1)
Note 1: The stack pointer functions as either the SPI or the SPU depending on
the value of the SM bit in the PSW.
b31
b0
Backup PC
BPC
CR6
b31
PSW
CBR
SPI
SPU
CR0
CR1
CR2
CR3
Processor Status Word Register
Condition Bit Register
Interrupt Stack Pointer
User Stack Pointer
CRn
Notes: • CRn (n = 0-3, 6 and 7) denotes the control register number.
• The dedicated MVTC and MVFC instructions are used for writing and reading these control registers.
• The SM bit, IE bit and C bit of the PSW can also be set by the SETPSW or CLRPSW instruction.
Floating-point Status Register
FPSR
CR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com