Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 57Page - Renesas Technology Corp 32186 Datasheet HTML 58Page - Renesas Technology Corp 32186 Datasheet HTML 59Page - Renesas Technology Corp 32186 Datasheet HTML 60Page - Renesas Technology Corp 32186 Datasheet HTML 61Page - Renesas Technology Corp 32186 Datasheet HTML 62Page - Renesas Technology Corp 32186 Datasheet HTML 63Page - Renesas Technology Corp 32186 Datasheet HTML 64Page - Renesas Technology Corp 32186 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1032 page
background image
3
ADDRESS SPACE
3-11
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (3/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0100
SIO23 Interrupt Request Status Register
SIO03 Interrupt Request Mask Register
12-9
(SI23STAT)
(SI03MASK)
12-10
H'0080 0102
SIO03 Interrupt Request Source Select Register
(Use inhibited area)
12-11
(SI03SEL)
(Use inhibited area)
H'0080 0110
SIO0 Transmit Control Register
SIO0 Transmit/Receive Mode Register
12-14
(S0TCNT)
(S0MOD)
12-15
H'0080 0112
SIO0 Transmit Buffer Register
12-19
(S0TXB)
H'0080 0114
SIO0 Receive Buffer Register
12-20
(S0RXB)
H'0080 0116
SIO0 Receive Control Register
SIO0 Baud Rate Register
12-21
(S0RCNT)
(S0BAUR)
12-24
H'0080 0118
SIO0 Special Mode Register
(Use inhibited area)
12-27
(S0SMOD)
(Use inhibited area)
H'0080 0120
SIO1 Transmit Control Register
SIO1 Transmit/Receive Mode Register
12-14
(S1TCNT)
(S1MOD)
12-15
H'0080 0122
SIO1 Transmit Buffer Register
12-19
(S1TXB)
H'0080 0124
SIO1 Receive Buffer Register
12-20
(S1RXB)
H'0080 0126
SIO1 Receive Control Register
SIO1 Baud Rate Register
12-21
(S1RCNT)
(S1BAUR)
12-24
H'0080 0128
SIO1 Special Mode Register
(Use inhibited area)
12-27
(S1SMOD)
(Use inhibited area)
H'0080 0130
SIO2 Transmit Control Register
SIO2 Transmit/Receive Mode Register
12-14
(S2TCNT)
(S2MOD)
12-15
H'0080 0132
SIO2 Transmit Buffer Register
12-19
(S2TXB)
H'0080 0134
SIO2 Receive Buffer Register
12-20
(S2RXB)
H'0080 0136
SIO2 Receive Control Register
SIO2 Baud Rate Register
12-21
(S2RCNT)
(S2BAUR)
12-24
H'0080 0138
SIO2 Special Mode Register
(Use inhibited area)
12-27
(S2SMOD)
(Use inhibited area)
H'0080 0140
SIO3 Transmit Control Register
SIO3 Transmit/Receive Mode Register
12-14
(S3TCNT)
(S3MOD)
12-15
H'0080 0142
SIO3 Transmit Buffer Register
12-19
(S3TXB)
H'0080 0144
SSIO3 Receive Buffer Register
12-20
(S3RXB)
H'0080 0146
SIO3 Receive Control Register
SIO3 Baud Rate Register
12-21
(S3RCNT)
(S3BAUR)
12-24
H'0080 0148
SIO3 Special Mode Register
(Use inhibited area)
12-27
(S3SMOD)
(Use inhibited area)
H'0080 0180
CS0 Area Wait Control Register
CS1 Area Wait Control Register
18-4
(CS0WTCR)
(CS1WTCR)
H'0080 0182
CS2 Area Wait Control Register
CS3 Area Wait Control Register
18-4
(CS2WTCR)
(CS3WTCR)
(Use inhibited area)
H'0080 01A0
CLKOUT Select Register
(Use inhibited area)
17-16
(CLKOUTSEL)
20-8
H'0080 01A2
Flash E/W Wait Select Register
(Use inhibited area)
18-6
(FWAIT)
(Use inhibited area)
H'0080 01E0
Flash Mode Register
Flash Status Register
6-15
(FMOD)
(FSTAT)
6-16
|
|
|
|
|
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com