Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 91Page - Renesas Technology Corp 32186 Datasheet HTML 92Page - Renesas Technology Corp 32186 Datasheet HTML 93Page - Renesas Technology Corp 32186 Datasheet HTML 94Page - Renesas Technology Corp 32186 Datasheet HTML 95Page - Renesas Technology Corp 32186 Datasheet HTML 96Page - Renesas Technology Corp 32186 Datasheet HTML 97Page - Renesas Technology Corp 32186 Datasheet HTML 98Page - Renesas Technology Corp 32186 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1032 page
background image
3
ADDRESS SPACE
3-45
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (37/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 2046
DEC3 Reload Register
14-36
(DEC3RLD)
H'0080 2048
DEC3 Counter
14-36
(DEC3CT)
H'0080 204A
DEC4 Control Register
(Use inhibited area)
14-33
(DEC4CNT)
H'0080 204C
DEC4 Reload Register
14-36
(DEC4RLD)
H'0080 204E
DEC4 Counter
14-36
(DEC4CT)
(Use inhibited area)
H'0080 3FFE
(Use inhibited area)
|
Note 1: Address H'0080 0600 to H'0080 0603 are dummy areas.
When there is access to these areas, writing value is disabled and reading value is undefinited.
In addition, it does not effect on the other SFR area by writing and reading out operation to dummy access area.
Note 2: This area exists only in the 32186 and it is use prohibition area in the 32185.
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com