Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 64Page - Renesas Technology Corp 32186 Datasheet HTML 65Page - Renesas Technology Corp 32186 Datasheet HTML 66Page - Renesas Technology Corp 32186 Datasheet HTML 67Page - Renesas Technology Corp 32186 Datasheet HTML 68Page - Renesas Technology Corp 32186 Datasheet HTML 69Page - Renesas Technology Corp 32186 Datasheet HTML 70Page - Renesas Technology Corp 32186 Datasheet HTML 71Page - Renesas Technology Corp 32186 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1032 page
background image
3
ADDRESS SPACE
3-18
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (10/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0436
DMA2 Transfer Count Register
9-32
(DM2TCT)
H'0080 0438
DMA7 Channel Control Register 0
DMA7 Channel Control Register 1
9-20
(DM7CNT0)
(DM7CNT1)
9-21
H'0080 043A
DMA7 Source Address Register
9-30
(DM7SA)
H'0080 043C
DMA7 Destination Address Register
9-31
(DM7DA)
H'0080 043E
DMA7 Transfer Count Register
9-32
(DM7TCT)
H'0080 0440
DMA3 Channel Control Register 0
DMA3 Channel Control Register 1
9-12
(DM3CNT0)
(DM3CNT1)
9-13
H'0080 0442
DMA3 Source Address Register
9-30
(DM3SA)
H'0080 0444
DMA3 Destination Address Register
9-31
(DM3DA)
H'0080 0446
DMA3 Transfer Count Register
9-32
(DM3TCT)
H'0080 0448
DMA8 Channel Control Register 0
DMA8 Channel Control Register 1
9-22
(DM8CNT0)
(DM8CNT1)
9-23
H'0080 044A
DMA8 Source Address Register
9-30
(DM8SA)
H'0080 044C
DMA8 Destination Address Register
9-31
(DM8DA)
H'0080 044E
DMA8 Transfer Count Register
9-32
(DM8TCT)
H'0080 0450
DMA4 Channel Control Register 0
DMA4 Channel Control Register 1
9-14
(DM4CNT0)
(DM4CNT1)
9-15
H'0080 0452
DMA4 Source Address Register
9-30
(DM4SA)
H'0080 0454
DMA4 Destination Address Register
9-31
(DM4DA)
H'0080 0456
DMA4 Transfer Count Register
9-32
(DM4TCT)
H'0080 0458
DMA9 Channel Control Register 0
DMA9 Channel Control Register 1
9-24
(DM9CNT0)
(DM9CNT1)
9-25
H'0080 045A
DMA9 Source Address Register
9-30
(DM9SA)
H'0080 045C
DMA9 Destination Address Register
9-31
(DM9DA)
H'0080 045E
DMA9 Transfer Count Register
9-32
(DM9TCT)
H'0080 0460
DMA0 Software Request Generation Register
9-29
(DM0SRI)
H'0080 0462
DMA1 Software Request Generation Register
9-29
(DM1SRI)
H'0080 0464
DMA2 Software Request Generation Register
9-29
(DM2SRI)
H'0080 0466
DMA3 Software Request Generation Register
9-29
(DM3SRI)
H'0080 0468
DMA4 Software Request Generation Register
9-29
(DM4SRI)
(Use inhibited area)
H'0080 0470
DMA5 Software Request Generation Register
9-29
(DM5SRI)
H'0080 0472
DMA6 Software Request Generation Register
9-29
(DM6SRI)
H'0080 0474
DMA7 Software Request Generation Register
9-29
(DM7SRI)
H'0080 0476
DMA8 Software Request Generation Register
9-29
(DM8SRI)
H'0080 0478
DMA9 Software Request Generation Register
9-29
(DM9SRI)
(Use inhibited area)
H'0080 0480
(Use inhibited area)
DMA0 Channel Control Register 2
9-26
(DM0CNT2)
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com