Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 72Page - Renesas Technology Corp 32186 Datasheet HTML 73Page - Renesas Technology Corp 32186 Datasheet HTML 74Page - Renesas Technology Corp 32186 Datasheet HTML 75Page - Renesas Technology Corp 32186 Datasheet HTML 76Page - Renesas Technology Corp 32186 Datasheet HTML 77Page - Renesas Technology Corp 32186 Datasheet HTML 78Page - Renesas Technology Corp 32186 Datasheet HTML 79Page - Renesas Technology Corp 32186 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1032 page
background image
3
ADDRESS SPACE
3-26
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (18/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 1000
CAN0 Control Register
13-26
(CAN0CNT)
H'0080 1002
CAN0 Status Register
13-29
(CAN0STAT)
H'0080 1004
(Use inhibited area)
H'0080 1006
CAN0 Configuration Register
13-32
(CAN0CONF)
H'0080 1008
CAN0 Timestamp Count Register
13-34
(CAN0TSTMP)
H'0080 100A
CAN0 Receive Error Count Register
CAN0 Transmit Error Count Register
13-35
(CAN0REC)
(CAN0TEC)
H'0080 100C
CAN0 Slot Interrupt Request Status Register(Upper)
13-39
(CAN0SLISTW)
(CAN0SLIST)
H'0080 100E
(Lower)
(CAN0SLISTL)
H'0080 1010
CAN0 Slot Interrupt Request Mask Register(Upper)
13-41
(CAN0SLIMKW)
(CAN0SLIMK)
H'0080 1012
(Lower)
(CAN0SLIMKL)
H'0080 1014
CAN0 Error Interrupt Request Status Register
CAN0 Error Interrupt Request Mask Register
13-42
(CAN0ERIST)
(CAN0ERIMK)
13-43
H'0080 1016
CAN0 Baud Rate Prescaler
CAN0 Cause of Error Register
13-36
(CAN0BRP)
(CAN0EF)
13-66
H'0080 1018
CAN0 Mode Register
CAN0 DMA Transfer Request Select Register
13-68
(CAN0MOD)
(CAN0DMARQ)
13-69
H'0080 101A
CAN0 Message Slot Number Register
CAN0 Clock Select Register
13-70
(CAN0MSN)
(CAN0CKSEL)
13-71
H'0080 101C
CAN0 Frame Format Select Register
(Upper)
10-73
(CAN0FFSW)
(CAN0FFS)
H'0080 101E
(Lower)
(CAN0FFSL)
H'0080 1020
CAN0 Global Mask Register A Standard ID0
CAN0 Global Mask Register A Standard ID1
13-75
(C0GMSKAS0)
(C0GMSKAS1)
H'0080 1022
CAN0 Global Mask Register A Extended ID0
CAN0 Global Mask Register A Extended ID1
13-76
(C0GMSKAE0)
(C0GMSKAE1)
H'0080 1024
CAN0 Global Mask Register A Extended ID2
(Use inhibited area)
13-77
(C0GMSKAE2)
H'0080 1026
(Use inhibited area)
H'0080 1028
CAN0 Global Mask Register B Standard ID0
CAN0 Global Mask Register B Standard ID1
13-75
(C0GMSKBS0)
(C0GMSKBS1)
H'0080 102A
CAN0 Global Mask Register B Extended ID0
CAN0 Global Mask Register B Extended ID1
13-76
(C0GMSKBE0)
(C0GMSKBE1)
H'0080 102C
CAN0 Global Mask Register B Extended ID2
(Use inhibited area)
13-77
(C0GMSKBE2)
H'0080 102E
(Use inhibited area)
H'0080 1030
CAN0 Local Mask Register A Standard ID0
CAN0 Local Mask Register A Standard ID1
13-75
(C0LMSKAS0)
(C0LMSKAS1)
H'0080 1032
CAN0 Local Mask Register A Extended ID0
CAN0 Local Mask Register A Extended ID1
13-76
(C0LMSKAE0)
(C0LMSKAE1)
H'0080 1034
CAN0 Local Mask Register A Extended ID2
(Use inhibited area)
13-77
(C0LMSKAE2)
H'0080 1036
(Use inhibited area)
H'0080 1038
CAN0 Local Mask Register B Standard ID0
CAN0 Local Mask Register B Standard ID1
13-75
(C0LMSKBS0)
(C0LMSKBS1)
H'0080 103A
CAN0 Local Mask Register B Extended ID0
CAN0 Local Mask Register B Extended ID1
13-76
(C0LMSKBE0)
(C0LMSKBE1)
H'0080 103C
CAN0 Local Mask Register B Extended ID2
(Use inhibited area)
13-77
(C0LMSKBE2)
H'0080 103E
(Use inhibited area)
H'0080 1040
CAN0 Single-Shot Mode Control Register (Upper)
13-79
(CAN0SSMODEW)
(CAN0SSMODE)
H'0080 1042
(Lower)
(CAN0SSMODEL)
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com