Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 62Page - Renesas Technology Corp 32186 Datasheet HTML 63Page - Renesas Technology Corp 32186 Datasheet HTML 64Page - Renesas Technology Corp 32186 Datasheet HTML 65Page - Renesas Technology Corp 32186 Datasheet HTML 66Page - Renesas Technology Corp 32186 Datasheet HTML 67Page - Renesas Technology Corp 32186 Datasheet HTML 68Page - Renesas Technology Corp 32186 Datasheet HTML 69Page - Renesas Technology Corp 32186 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1032 page
background image
3
ADDRESS SPACE
3-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (8/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0370
TIO7 Counter
10-105
(TIO7CT)
H'0080 0372
(Use inhibited area)
H'0080 0374
TIO7 Reload 1 Register
10-107
(TIO7RL1)
H'0080 0376
TIO7 Reload 0/ Measure Register
10-106
(TIO7RL0)
(Use inhibited area)
H'0080 0380
TIO8 Counter
10-105
(TIO8CT)
H'0080 0382
(Use inhibited area)
H'0080 0384
TIO8 Reload 1 Register
10-107
(TIO8RL1)
H'0080 0386
TIO8 Reload 0/ Measure Register
10-106
(TIO8RL0)
H'0080 0388
(Use inhibited area)
H'0080 038A
TIO8 Control Register
TIO9 Control Register
10-104
(TIO8CR)
(TIO9CR)
10-105
(Use inhibited area)
H'0080 0390
TIO9 Counter
10-105
(TIO9CT)
H'0080 0392
(Use inhibited area)
H'0080 0394
TIO9 Reload 1 Register
10-107
(TIO9RL1)
H'0080 0396
TIO9 Reload 0/ Measure Register
10-106
(TIO9RL0)
(Use inhibited area)
H'0080 03BC
TIO0-9 Enable Protect Register
10-108
(TIOPRO)
H'0080 03BE
TIO0-9 Count Enable Register
10-109
(TIOCEN)
H'0080 03C0
TMS0 Counter
10-127
(TMS0CT)
H'0080 03C2
TMS0 Measure 3 Register
10-127
(TMS0MR3)
H'0080 03C4
TMS0 Measure 2 Register
10-127
(TMS0MR2)
H'0080 03C6
TMS0 Measure 1 Register
10-127
(TMS0MR1)
H'0080 03C8
TMS0 Measure 0 Register
10-127
(TMS0MR0)
H'0080 03CA
TMS0 Control Register
TMS1 Control Register
10-126
(TMS0CR)
(TMS1CR)
(Use inhibited area)
H'0080 03D0
TMS1 Counter
10-127
(TMS1CT)
H'0080 03D2
TMS1 Measure 3 Register
10-127
(TMS1MR3)
H'0080 03D4
TMS1 Measure 2 Register
10-127
(TMS1MR2)
H'0080 03D6
TMS1 Measure 1 Register
10-127
(TMS1MR1)
H'0080 03D8
TMS1 Measure 0 Register
10-127
(TMS1MR0)
(Use inhibited area)
H'0080 03E0
TML0 Counter
(Upper)
10-132
(TML0CT)
(TML0CTH)
H'0080 03E2
(Lower)
(TML0CTL)
|
|
|
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com