Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 56Page - Renesas Technology Corp 32186 Datasheet HTML 57Page - Renesas Technology Corp 32186 Datasheet HTML 58Page - Renesas Technology Corp 32186 Datasheet HTML 59Page - Renesas Technology Corp 32186 Datasheet HTML 60Page - Renesas Technology Corp 32186 Datasheet HTML 61Page - Renesas Technology Corp 32186 Datasheet HTML 62Page - Renesas Technology Corp 32186 Datasheet HTML 63Page - Renesas Technology Corp 32186 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1032 page
background image
3
ADDRESS SPACE
3-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (2/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0090
10-bit A/D0 Data Register 0
11-33
(AD0DT0)
H'0080 0092
10-bit A/D0 Data Register 1
11-33
(AD0DT1)
H'0080 0094
10-bit A/D0 Data Register 2
11-33
(AD0DT2)
H'0080 0096
10-bit A/D0 Data Register 3
11-33
(AD0DT3)
H'0080 0098
10-bit A/D0 Data Register 4
11-33
(AD0DT4)
H'0080 009A
10-bit A/D0 Data Register 5
11-33
(AD0DT5)
H'0080 009C
10-bit A/D0 Data Register 6
11-33
(AD0DT6)
H'0080 009E
10-bit A/D0 Data Register 7
11-33
(AD0DT7)
H'0080 00A0
10-bit A/D0 Data Register 8
11-33
(AD0DT8)
H'0080 00A2
10-bit A/D0 Data Register 9
11-33
(AD0DT9)
H'0080 00A4
10-bit A/D0 Data Register 10
11-33
(AD0DT10)
H'0080 00A6
10-bit A/D0 Data Register 11
11-33
(AD0DT11)
H'0080 00A8
10-bit A/D0 Data Register 12
11-33
(AD0DT12)
H'0080 00AA
10-bit A/D0 Data Register 13
11-33
(AD0DT13)
H'0080 00AC
10-bit A/D0 Data Register 14
11-33
(AD0DT14)
H'0080 00AE
10-bit A/D0 Data Register 15
11-33
(AD0DT15)
(Use inhibited area)
H'0080 00D0
(Use inhibited area)
8-bit A/D0 Data Register 0
11-34
(AD08DT0)
H'0080 00D2
(Use inhibited area)
8-bit A/D0 Data Register 1
11-34
(AD08DT1)
H'0080 00D4
(Use inhibited area)
8-bit A/D0 Data Register 2
11-34
(AD08DT2)
H'0080 00D6
(Use inhibited area)
8-bit A/D0 Data Register 3
11-34
(AD08DT3)
H'0080 00D8
(Use inhibited area)
8-bit A/D0 Data Register 4
11-34
(AD08DT4)
H'0080 00DA
(Use inhibited area)
8-bit A/D0 Data Register 5
11-34
(AD08DT5)
H'0080 00DC
(Use inhibited area)
8-bit A/D0 Data Register 6
11-34
(AD08DT6)
H'0080 00DE
(Use inhibited area)
8-bit A/D0 Data Register 7
11-34
(AD08DT7)
H'0080 00E0
(Use inhibited area)
8-bit A/D0 Data Register 8
11-34
(AD08DT8)
H'0080 00E2
(Use inhibited area)
8-bit A/D0 Data Register 9
11-34
(AD08DT9)
H'0080 00E4
(Use inhibited area)
8-bit A/D0 Data Register 10
11-34
(AD08DT10)
H'0080 00E6
(Use inhibited area)
8-bit A/D0 Data Register 11
11-34
(AD08DT11)
H'0080 00E8
(Use inhibited area)
8-bit A/D0 Data Register 12
11-34
(AD08DT12)
H'0080 00EA
(Use inhibited area)
8-bit A/D0 Data Register 13
11-34
(AD08DT13)
H'0080 00EC
(Use inhibited area)
8-bit A/D0 Data Register 14
11-34
(AD08DT14)
H'0080 00EE
(Use inhibited area)
8-bit A/D0 Data Register 15
11-34
(AD08DT15)
(Use inhibited area)
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com