Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 95Page - Renesas Technology Corp 32186 Datasheet HTML 96Page - Renesas Technology Corp 32186 Datasheet HTML 97Page - Renesas Technology Corp 32186 Datasheet HTML 98Page - Renesas Technology Corp 32186 Datasheet HTML 99Page - Renesas Technology Corp 32186 Datasheet HTML 100Page - Renesas Technology Corp 32186 Datasheet HTML 101Page - Renesas Technology Corp 32186 Datasheet HTML 102Page - Renesas Technology Corp 32186 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1032 page
background image
3
ADDRESS SPACE
3-49
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
ICU Vector Table Memory Map (2/3)
Address
+0 address
+1 address
b0
b7
b8
b15
H'0000 00D8
SIO0 Transmit Interrupt Handler Start Address (A0–A15)
H'0000 00DA
SIO0 Transmit Interrupt Handler Start Address (A16–A31)
H'0000 00DC
A/D0 Conversion Interrupt Handler Start Address (A0–A15)
H'0000 00DE
A/D0 Conversion Interrupt Handler Start Address (A16–A31)
H'0000 00E0
TID0 Input Interrupt Handler Start Address (A0–A15)
H'0000 00E2
TID0 Input Interrupt Handler Start Address (A16–A31)
H'0000 00E4
TOU0 Output Interrupt Handler Start Address (A0–A15)
H'0000 00E6
TOU0 Output Interrupt Handler Start Address (A16–A31)
H'0000 00E8
DMA5–9 Interrupt Handler Start Address (A0–A15)
H'0000 00EA
DMA5–9 Interrupt Handler Start Address (A16–A31)
H'0000 00EC
SIO2, 3 Transmit/receive Interrupt Handler Start Address (A0–A15)
H'0000 00EE
SIO2, 3 Transmit/receive Interrupt Handler Start Address (A16–A31)
H'0000 00F0
RTD Interrupt Handler Start Address (A0–A15)
H'0000 00F2
RTD Interrupt Handler Start Address (A16–A31)
H'0000 00F4
TID1 Input Interrupt Handler Start Address (A0–A15)
H'0000 00F6
TID1 Input Interrupt Handler Start Address (A16–A31)
H'0000 00F8
TOU1 Output Interrupt Handler Start Address (A0–A15)
H'0000 00FA
TOU1 Output Interrupt Handler Start Address (A16–A31)
H'0000 00FC
SIO4, 5 Transmit/receive Interrupt Handler Start Address (A0–A15)
H'0000 00FE
SIO4, 5 Transmit/receive Interrupt Handler Start Address (A16–A31)
H'0000 0100
H'0000 0102
H'0000 0104
H'0000 0106
H'0000 0108
TML1 Input Interrupt Handler Start Address (A0–A15)
H'0000 010A
TML1 Input Interrupt Handler Start Address (A16–A31)
H'0000 010C
CAN0 Transmit/receive & Error Interrupt Handler Start Address (A0–A15)
H'0000 010E
CAN0 Transmit/receive & Error Interrupt Handler Start Address (A16–A31)
H'0000 0110
CAN1 Transmit/receive & Error Interrupt Handler Start Address (A0–A15)
H'0000 0112
CAN1 Transmit/receive & Error Interrupt Handler Start Address (A16–A31)
H'0000 0114
DRI Transfer Interrupt Handler Start Address (A0–A15)
H'0000 0116
DRI Transfer Interrupt Handler Start Address (A16–A31)
H'0000 0118
DRI Counter Interrupt Handler Start Address (A0–A15)
H'0000 011A
DRI Counter Interrupt Handler Start Address (A16–A31)
H'0000 011C
DRI Event Detection Interrupt Handler Start Address (A0–A15)
H'0000 011E
DRI Event Detection Interrupt Handler Start Address (A16–A31)
H'0000 0120
CAN0 Transmit/receive Completion Interrupt Handler Start Address (A0–A15)
H'0000 0122
CAN0 Transmit/receive Completion Interrupt Handler Start Address (A16–A31)
3.6 ICU Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com