Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 36Page - Renesas Technology Corp 32186 Datasheet HTML 37Page - Renesas Technology Corp 32186 Datasheet HTML 38Page - Renesas Technology Corp 32186 Datasheet HTML 39Page - Renesas Technology Corp 32186 Datasheet HTML 40Page - Renesas Technology Corp 32186 Datasheet HTML 41Page - Renesas Technology Corp 32186 Datasheet HTML 42Page - Renesas Technology Corp 32186 Datasheet HTML 43Page - Renesas Technology Corp 32186 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1032 page
background image
2
CPU
2-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
2.3 Control Registers
2.3.2 Condition Bit Register: CBR (CR1)
The Condition Bit Register (CBR) is derived from the PSW register by extracting its Condition (C) bit. The
value written to the PSW register’s C bit is reflected in this register. The register can only be read. (Writing
to the register with the MVTC instruction is ignored.)
Upon exiting the reset state, the value of CBR is H’0000 0000.
b0
b31
0000000000000000000000000000000
C
CBR
2.3.3 Interrupt Stack Pointer: SPI (CR2) and User Stack Pointer: SPU (CR3)
The Interrupt Stack Pointer (SPI) and the User Stack Pointer (SPU) retain the address of the current stack
pointer. These registers can be accessed as the general-purpose register R15. R15 switches between
representing the SPI and SPU depending on the value of the Stack Mode (SM) bit in the PSW.
Upon exiting the reset state, the values of the SPI and SPU are undefined.
b0
b31
SPI
SPI
b0
b31
SPU
SPU
2.3.4 Backup PC: BPC (CR6)
The Backup PC (BPC) is used to save the value of the Program Counter (PC) when an EIT occurs. Bit 31
is fixed to "0."
When an EIT occurs, the register sets either the PC value when the EIT occurred or the PC value for the
next instruction depending on the type of EIT. The BPC value is loaded to the PC when the RTE instruction
is executed. However, the values of the lower 2 bits of the PC are always "00" when returned. (PC always
returns to the word-aligned address.)
Upon exiting the reset state, the value of the BPC is undefined.
b0
b31
0
BPC
BPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com