Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 342Page - Renesas Technology Corp 32186 Datasheet HTML 343Page - Renesas Technology Corp 32186 Datasheet HTML 344Page - Renesas Technology Corp 32186 Datasheet HTML 345Page - Renesas Technology Corp 32186 Datasheet HTML 346Page - Renesas Technology Corp 32186 Datasheet HTML 347Page - Renesas Technology Corp 32186 Datasheet HTML 348Page - Renesas Technology Corp 32186 Datasheet HTML 349Page - Renesas Technology Corp 32186 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-50
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TIN Interrupt Control Register 4 (TINIR4)
<Address: H’0080 023C>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
TINIS19 (TIN19 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
1
TINIS18 (TIN18 interrupt request status bit)
1: Interrupt requested
2
TINIS17 (TIN17 interrupt request status bit)
3
TINIS16 (TIN16 interrupt request status bit)
4
TINIS15 (Reserved bit)
Fix to "0"
0
0
5
TINIS14 (Reserved bit)
6
TINIS13 (Reserved bit)
7
TINIS12 (Reserved bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
TIN Interrupt Control Register 5 (TINIR5)
<Address: H’0080 023D>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
TINIM19 (TIN19 interrupt request mask bit)
0: Enable interrupt request
R
W
9
TINIM18 (TIN18 interrupt request mask bit)
1: Mask (disable) interrupt request
10
TINIM17 (TIN17 interrupt request mask bit)
11
TINIM16 (TIN16 interrupt request mask bit)
12
TINIM15 (Reserved bit)
Fix to "0"
0
0
13
TINIM14 (Reserved bit)
14
TINIM13 (Reserved bit)
15
TINIM12 (Reserved bit)
b0
123456
b7
TINIS19
TINIS18
TINIS17
TINIS16
TINIS15
TINIS14
TINIS13
TINIS12
0000000
0
b8
9
10
11121314
b15
TINIM19
TINIM18
TINIM17
TINIM16
TINIM15
TINIM14
TINIM13
TINIM12
0000000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com