Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 633 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 629Page - Renesas Technology Corp 32186 Datasheet HTML 630Page - Renesas Technology Corp 32186 Datasheet HTML 631Page - Renesas Technology Corp 32186 Datasheet HTML 632Page - Renesas Technology Corp 32186 Datasheet HTML 633Page - Renesas Technology Corp 32186 Datasheet HTML 634Page - Renesas Technology Corp 32186 Datasheet HTML 635Page - Renesas Technology Corp 32186 Datasheet HTML 636Page - Renesas Technology Corp 32186 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 1032 page
background image
13
CAN MODULE
13-23
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.1 CAN Bus Mode Control Register
CAN Bus Mode Control Register (CANBUSCR)
<Address: H’0080 052A>
123456
b7
b0
CBUSSELP
00000000
CBUSSEL
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
CBUSSELP
0W
(CBUSSEL write control bit)
7
CBUSSEL
0: CAN0/CAN1 CAN bus independent
R
W
(CAN bus mode select bit)
1: CAN0/CAN1 CAN bus share
Note: • Change this register value with FRST bits (inside the CAN control register) of both CAN0 & CAN1 set at "1."
By setting the CBUSSEL bit to "1," two CAN modules are internally connected, which can be used artificially as
64-slot CAN.
• When CBUSSEL = 0
CAN0 and CAN1 use CTX0/CRX0 and CTX1/CRX1 as a pin, respectively.
• When CBUSSEL = 1
Both CAN0 and CAN1 use CTX0/CRX0 as a pin.
When CAN0 / CAN1 CAN bus share (CBUSSEL = 1 ) are described below.
• Do not select CTX1/CRX1 with the port operation mode register/port peripheral function select register.
• When both CANs generate a transmit request and both CAN0/CAN1 in operation, the output of CAN
having ID with higher priority corresponds to CTX0 output due to internal arbitration. Also, the CAN lost in
arbitration then operates as a receiving node, but no dominant level is output in the ACK field.
• In case where both CAN0 and CAN1 are operated, the CANs do not perform operation as error passive node
as viewed from the outside unless the both of them are in error passive state. The CANs do not perform
operation as error bus off node as viewed from the outside unless the both of them are in error bus off state.
Therefore, consideration is required such as making both CANs error states the same in software.
• Do not set the transmit slot that has the same ID in both CAN0 and CAN1.
• When both CAN0 and CAN1 are being operated, if there is a slot which completes one CAN transmission
and meets the receiving conditions by the other CAN, "the other CAN" stores the received data.
When set this resiter, procedure is described below.
1. Write "1" in CBUSSEL write control bit (CBUSSELP)
2. Following 1. write "0" in CBUSSEL write control bit (CBUSSELP) , write "0" or "1" in CBUSSEL output
prohibition select bit (CBUSSEL)
Note: • If theare are writing cycles from CPU, DMA, SDI (tool), NBD to any other area between 1 and 2, the
continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled and the writing
value is not reflected. Therefore, disable interrupts and DMA transfers before setting. However the
writing cycle from RTD and DRI are not effected.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com