Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 886 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 886 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 882Page - Renesas Technology Corp 32186 Datasheet HTML 883Page - Renesas Technology Corp 32186 Datasheet HTML 884Page - Renesas Technology Corp 32186 Datasheet HTML 885Page - Renesas Technology Corp 32186 Datasheet HTML 886Page - Renesas Technology Corp 32186 Datasheet HTML 887Page - Renesas Technology Corp 32186 Datasheet HTML 888Page - Renesas Technology Corp 32186 Datasheet HTML 889Page - Renesas Technology Corp 32186 Datasheet HTML 890Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1032 page
background image
20
OSCILLATOR CIRCUIT
20-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
20.1 Oscillator Circuit
(1) XSTAT (XIN oscillation status) bit
• Conditions under which XSTAT bit is set to "1"
XSTAT bit is set to "1" upon detecting that XIN oscillation has stopped. When XIN remains at the same level
on the basis of threshold value for XIN Oscillation Stoppage Detection (3 BCLK periods up to 4 BCLK
periods), XIN oscillation is assumed to have stopped. When operating normally, XIN changes state ("H" or
"L") once every BCLK period.
• Conditions under which XSTAT bitis cleared to "0"
XSTAT is cleared to "0" by a system reset or by writing "0." If XSTAT bit is cleared at the same time it is set
in 1) above, the former has priority so that XSTAT bit is cleared. Writing "1" to XSTAT bit is ignored.
• Method for using XSTAT bit to detect XIN oscillation stoppage
Because internally contains a PLL, the internal clock remains active even when XIN oscillation has stopped.
By reading XSTAT bit without clearing it after exiting the reset state, it is possible to know whether XIN
has ever stopped since the reset signal was deasserted. Similarly, by reading XSTAT bit after clearing it
by writing 0, it is possible to know the current oscillating status of XIN. (However, there must be an
interval of at least 5 BCLK periods (20 CPU clock periods) between read and write.)
About possess when XSAT bit is set "1," clear XSTAT bit once (etc) pay extra attention before use.
Figure 20.1.3 Procedure for Setting XSTAT
Read XSTAT
(1) To know whether XIN oscillation has ever stopped after being reset
Write XSTAT = 0
(2) To know the current status of XIN oscillation
Wait for 20 CPU
clock periods or more
Read XSTAT
Wait before inspecting XSTAT
Note: • About possess when XSAT is set "1," clear XSTAT once (etc) pay extra attention before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com