Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 978 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 978 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 974Page - Renesas Technology Corp 32186 Datasheet HTML 975Page - Renesas Technology Corp 32186 Datasheet HTML 976Page - Renesas Technology Corp 32186 Datasheet HTML 977Page - Renesas Technology Corp 32186 Datasheet HTML 978Page - Renesas Technology Corp 32186 Datasheet HTML 979Page - Renesas Technology Corp 32186 Datasheet HTML 980Page - Renesas Technology Corp 32186 Datasheet HTML 981Page - Renesas Technology Corp 32186 Datasheet HTML 982Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-62
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(18) DRI Timing
a) When Special mode is off
Symbol
Parameter
Rated Value
Unit
See Fig.
MIN
MAX
23.10.20
tw(DIN)
DIN Input pulse width DIN0, DIN1, DIN2, DIN3, DIN4
1.5
×tc(BCLK)
ns
[138]
tc(DCAP) Import period
When Input data bus width is 8, 16 bit
3.5
×tc(BCLK)
ns
[139]
When Input data bus width is 32 bit
4
×tc(BCLK)
ns
tsu(DD-E)
When DIN2, DIN3, DIN4 are selected
DD Input - Import Edge in Import event
20
ns
[140]
Set up time (Note 1)
When DIN5 is selected in Import event
60
ns
th(E-DD)
Import Edge - DD Input
When DIN2, DIN3, DIN4 are selected
in Import event
15 + tc(BCLK)
ns
[141]
Hold time (Note 1)
When DIN5 is selected in Import event
15 + tc(BCLK)
ns
ts(E-E)
Edge interval that
DIN0, DIN1, DIN2, DIN3, DIN4
15 + tc(BCLK)
ns
[142]
Event detection is
not simultaneous
Note1: This standard value is when considering Import timing as a default setup. If it is not, standard value is considered with
the point that is shifted back from standard edge for tc(BCLK).
23.10 A.C. Characteristics (when VCCE = 3.3 V)
b) When Special mode is on
Symbol
Parameter
Rated Value
Unit
See Fig.
MIN
MAX
23.10.20
tw(DIN)
DIN Input pulse width
DIN0, DIN1, DIN2, DIN4
1.5
×tc(BCLK)
ns
[138]
DIN3
0.8
×tc(BCLK)
ns
tc(DCAP) Import period
When Input data bus width is 8, 16 bit
2
×tc(BCLK)
ns
[139]
tsu(DD-E)
DD Input - Import Edge
When DIN3 is selected in Import event
20
ns
[140]
Set up time
th(E-DD)
Import Edge - DD Input
When DIN3 is selected in Import event
20
ns
[141]
Hold time
ts(E-E)
Edge interval that
DIN0, DIN1, DIN2, DIN4
15+ tc(BCLK)
ns
[142]
Event detection is
not simultaneous
tar
Indefinite period of
DIN3
Sampling Edge by DIN1 before
20
ns
[143]
exiting reset initializing level
tbr
Indefinite period of
DIN3
Sampling Edge by DIN1 after
20
ns
[144]
exiting reset initializing level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com