| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 985 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 985 Page - Renesas Technology Corp |
|
985 / 1032 page ![]() Appendix 2 INSTRUCTION PROCESSING TIME Appendix 2.1 32185/32186 Instruction Processing Time Appendix 2-3 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 The following shows the number of memory access cycles in the IF and MEM stages. Shown here are the mini- mum number of cycles required for memory access. Therefore, these values do not always reflect the number of cycles actually required for memory or bus access. In write access, for example, although the CPU finishes the MEM stage by only writing to the write buffer, this operation actually is followed by a write to memory. Depending on the memory or bus state before or after the CPU requests a memory access, the instruction processing may take more time than the calculated value. R (read cycle) When existing in the instruction queue .................................................. 1 CPUCLK cycle When reading the internal resource (RAM) ............................................. 1 CPUCLK cycle When reading the internal resource (ROM) ............................................ 2 CPUCLK cycles When reading the internal resource (SFR) (byte or halfword) .................... 4 CPUCLK cycles When reading the internal resource (SFR) (word) .................................... 8 CPUCLK cycles When reading external memory (byte or halfword) ................................... 1 CPUCLK + 1 CLKOUT cycles (Note 1) When reading external memory (word) ................................................... 1 CPUCLK + 2 CLKOUT cycles (Note 1) When successively fetching instructions from external memory ............... 2 CLKOUT cycles (Note 1) W (write cycle) When writing to the internal resource (RAM) .......................................... 1 CPUCLK cycle When writing to the internal resource (SFR) (byte or halfword) .................. 4 CPUCLK cycles When writing to the internal resource (SFR) (word) ................................. 8 CPUCLK cycles When writing to external memory (byte or halfword) ................................ 1 CLKOUT cycle (Note 1) When writing to external memory (word) ................................................ 2 CLKOUT cycles (Note 1) Note 1: This applies when external memory is accessed with zero wait state. The instruction processing time increases by 1 CLKOUT when one wait state is inserted. Note: • CLKOUT and CPUCLK have the relationship 1 CLKOUT = 8 CPUCLK. When CLKOUT = BCLK is selected with CLKOUT select register, the relationship 1 CLKOUT = 4 CPUCLK is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |