Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 31Page - Renesas Technology Corp R8C/14 Datasheet HTML 32Page - Renesas Technology Corp R8C/14 Datasheet HTML 33Page - Renesas Technology Corp R8C/14 Datasheet HTML 34Page - Renesas Technology Corp R8C/14 Datasheet HTML 35Page - Renesas Technology Corp R8C/14 Datasheet HTML 36Page - Renesas Technology Corp R8C/14 Datasheet HTML 37Page - Renesas Technology Corp R8C/14 Datasheet HTML 38Page - Renesas Technology Corp R8C/14 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 277 page
background image
R8C/14 Group, R8C/15 Group
5. Reset
Rev.2.10
Jan 19, 2006
Page 23 of 253
REJ09B0164-0210
5.2
Power-On Reset Function
When the RESET pin is connected to the VCC pin via about 5k
Ω pull-up resistor and the VCC pin rises,
the function is enabled and the microcomputer resets its pins, CPU, and SFR. When a capacitor is
connected to the RESET pin, always keep the voltage to the RESET pin 0.8VCC or more.
When the input voltage to the VCC pin reaches to the Vdet1 level or above, count operation of the low-
speed on-chip oscillator clock starts. When the operation counts the low-speed on-chip oscillator clock
for 32 times, the internal reset signal is held “H” and the microcomputer enters the reset sequence (See
Figure 5.3). The low-speed on-chip oscillator clock divide-by-8 is automatically selected for the CPU
after reset.
Refer to 4. Special Function Register (SFR) for the status of the SFR after power-on reset.
The voltage monitor 1 reset is enabled after power-on reset.
Figure 5.6 shows the Example of Power-On Reset Circuit and Operation.
Figure 5.6
Example of Power-On Reset Circuit and Operation
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock can be selected. Refer to 6. Voltage Detection Circuit for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 6. Voltage Detection Circuit for details.
4. Refer to 19. Electrical Characteristics.
Vdet1(3)
Vpor1
Internal Reset
Signal
(“L” Valid)
tw(por1)
tw(Vpor1–Vdet1)
Sampling Time(1, 2)
Vdet1(3)
1
fRING-S
× 32
1
fRING-S
× 32
Vpor2
Vccmin
tw(por2) tw(Vpor2–Vdet1)
RESET
VCC
About
5k
Ω
VCC
RESET
0.1V to 2.7V
0V
0.8VCC or above
within td(P-R)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com