Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 78Page - Renesas Technology Corp R8C/14 Datasheet HTML 79Page - Renesas Technology Corp R8C/14 Datasheet HTML 80Page - Renesas Technology Corp R8C/14 Datasheet HTML 81Page - Renesas Technology Corp R8C/14 Datasheet HTML 82Page - Renesas Technology Corp R8C/14 Datasheet HTML 83Page - Renesas Technology Corp R8C/14 Datasheet HTML 84Page - Renesas Technology Corp R8C/14 Datasheet HTML 85Page - Renesas Technology Corp R8C/14 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 70 of 253
REJ09B0164-0210
11.2.2
INT0 Input Filter
The INT0 input contains a digital filter. The sampling clock is selected by the INT0F1 to INT0F0 bits
in the INT0F register. The IR bit in the INT0IC register is set to “1” (interrupt requested) when the
INT0 level is sampled for every sampling clock and the sampled input level matches three times.
Figure 11.12 shows the Configuration of INT0 Input Filter. Figure 11.13 shows the Operating
Example of INT0 Input Filter.
Figure 11.12
Configuration of INT0 Input Filter
Figure 11.13
Operating Example of INT0 Input Filter
INT0F0, INT0F1 : Bits in INT0F register
INT0EN, INT0PL : Bits in INTEN register
=01b
INT0
Port P4_5
Direction
Register
Sampling Clock
Digital Filter
(input level
matches 3x)
INT0 Interrupt
=10b
=11b
f32
f8
f1
INT0F1 to INT0F0
INT0EN
Other than
INT0F1 to INT0F0
=00b
=00b
Both Edges
Detection
Circuit
INT0PL=0
INT0PL=1
INT0 input
Sampling
timing
IR bit in
INT0IC register
Set to “0” in program
This is an operation example when the INT0F1 to INT0F0 bits in the
INT0F register is set to “01b”, “10b”, or “11b” (passing digital filter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com