Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 2Page - Renesas Technology Corp R8C/14 Datasheet HTML 3Page - Renesas Technology Corp R8C/14 Datasheet HTML 4Page - Renesas Technology Corp R8C/14 Datasheet HTML 5Page - Renesas Technology Corp R8C/14 Datasheet HTML 6Page - Renesas Technology Corp R8C/14 Datasheet HTML 7Page - Renesas Technology Corp R8C/14 Datasheet HTML 8Page - Renesas Technology Corp R8C/14 Datasheet HTML 9Page - Renesas Technology Corp R8C/14 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 277 page
background image
A - 2
4.
Special Function Register (SFR)
15
5.
Reset
19
5.1
Hardware Reset ........................................................................................21
5.1.1
When the power supply is stable........................................................21
5.1.2
Power on ............................................................................................21
5.2
Power-On Reset Function .........................................................................23
5.3
Voltage Monitor 1 Reset ...........................................................................24
5.4
Voltage Monitor 2 Reset............................................................................24
5.5
Watchdog Timer Reset..............................................................................24
5.6
Software Reset..........................................................................................24
6.
Voltage Detection Circuit
25
6.1
Monitoring VCC Input Voltage...................................................................31
6.1.1
Monitoring Vdet1 ................................................................................31
6.1.2
Monitoring Vdet2 ................................................................................31
6.2
Voltage Monitor 1 Reset............................................................................32
6.3
Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset .........................33
7.
Processor Mode
35
7.1
Types of Processor Mode .........................................................................35
8.
Bus
37
9.
Clock Generation Circuit
38
9.1
Main Clock.................................................................................................45
9.2
On-Chip Oscillator Clock ...........................................................................46
9.2.1
Low-Speed On-Chip Oscillator Clock .................................................46
9.2.2
High-Speed On-Chip Oscillator Clock ................................................46
9.3
CPU Clock and Peripheral Function Clock................................................47
9.3.1
System Clock......................................................................................47
9.3.2
CPU Clock ..........................................................................................47
9.3.3
Peripheral Function Clock (f1, f2, f4, f8, f32) ......................................47
9.3.4
fRING and fRING128..........................................................................47
9.3.5
fRING-fast...........................................................................................47
9.3.6
fRING-S ..............................................................................................47
9.4
Power Control............................................................................................48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com