Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 88Page - Renesas Technology Corp R8C/14 Datasheet HTML 89Page - Renesas Technology Corp R8C/14 Datasheet HTML 90Page - Renesas Technology Corp R8C/14 Datasheet HTML 91Page - Renesas Technology Corp R8C/14 Datasheet HTML 92Page - Renesas Technology Corp R8C/14 Datasheet HTML 93Page - Renesas Technology Corp R8C/14 Datasheet HTML 94Page - Renesas Technology Corp R8C/14 Datasheet HTML 95Page - Renesas Technology Corp R8C/14 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 277 page
background image
R8C/14 Group, R8C/15 Group
12. Watchdog Timer
Rev.2.10
Jan 19, 2006
Page 80 of 253
REJ09B0164-0210
Figure 12.3
WDTR, WDTS and CSPR Registers
Watchdog Timer Reset Register
Symbol
Address
After Reset
WDTR
000Dh
Indeterminate
RW
NOTES :
1.
2.
Function
When w riting “00h” before w riting “FFh”, the w atchdog timer is reset.(1)
The default value of the w atchdog timer is set to “7FFFh” w hen count source protection
mode is disabled and “0FFFh” w hen count source protection mode is enabled.(2)
b7
b0
Do not generate an interrupt betw een “00h” and the “FFh” w ritings.
When the CSPRO bit in the CSPR register is set to “1” (count source protection mode enabled),
“0FFFh” is set to the w atchdog timer.
WO
Watchdog Timer Start Register
Symbol
Address
After Reset
WDTS
000Eh
Indeterminate
RW
WO
Function
The w atchdog timer starts counting after a w rite instruction to this register.
b0
b7
Count Source Protection Mode Register
Symbol
Address
After Reset(1)
CSPR
001Ch
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
—
(b6-b0)
RW
0
0
Write “0” before w riting “1” to set the CSPRO bit to “1”.
“0” cannot be set by a program.
When w riting “0” to the CSPROINI bit in the OFS register, the value after reset is set to “10000000b”.
0
Reserved Bit
Set to “0”
b3 b2 b1 b0
b7 b6 b5 b4
RW
000 0
CSPRO
Count Source Protection Mode
Select Bit(2)
0 : Count source protection mode disabled
1 : Count source protection mode enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com