Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 89Page - Renesas Technology Corp R8C/14 Datasheet HTML 90Page - Renesas Technology Corp R8C/14 Datasheet HTML 91Page - Renesas Technology Corp R8C/14 Datasheet HTML 92Page - Renesas Technology Corp R8C/14 Datasheet HTML 93Page - Renesas Technology Corp R8C/14 Datasheet HTML 94Page - Renesas Technology Corp R8C/14 Datasheet HTML 95Page - Renesas Technology Corp R8C/14 Datasheet HTML 96Page - Renesas Technology Corp R8C/14 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 277 page
background image
R8C/14 Group, R8C/15 Group
12. Watchdog Timer
Rev.2.10
Jan 19, 2006
Page 81 of 253
REJ09B0164-0210
12.1
When Count Source Protection Mode Disabled
The count source of the watchdog timer is the CPU clock when count source protection mode is
disabled. Table 12.2 lists the Specification of Watchdog Timer (When Count Source Protection Mode is
Disabled).
NOTES:
1. The watchdog timer is reset when writing “00h” to the WDTR register before writing “FFh”. The
prescaler is reset after the microcomputer is reset. Some errors occur by the prescaler for the
period of the watchdog timer.
2. The WDTON bit cannot be changed by a program. When setting the WDTON bit, write “0” to the bit
0 of the address 0FFFFh by a flash writer.
Table 12.2
Specification of Watchdog Timer (When Count Source Protection Mode is Disabled)
Item
Specification
Count Source
CPU clock
Count Operation
Decrement
Period
Division ratio of prescaler(n) x count value of watchdog timer(32768)(1)
CPU clock
n : 16 or 128 (selected by WDC7 bit in WDC register)
e.g.When the CPU clock is 16MHz and prescaler is divided by 16, the
period is approximately 32.8ms
Count Start Condition
The WDTON bit(2) in the OFS register (0FFFFh) selects the operation
of watchdog timer after reset
• When the WDTON bit is set to “1” (watchdog timer is in stop state
after reset)
The watchdog timer and prescaler stop after reset and the count
starts by writing to the WDTS register
• When the WDTON bit is set to “0” (watchdog timer starts
automatically after exiting )
The watchdog timer and prescaler start counting automatically after
reset
Reset Condition of Watchdog
Timer
• Reset
• Write “00h” to the WDTR register before writing “FFh”
• Underflow
Count Stop Condition
Stop and wait modes (inherit the count from the held value after exiting
modes)
Operation at the time of
Underflow
• When the PM12 bit in the PM1 register is set to “0”
Watchdog timer interrupt
• When the PM12 bit in the PM1 register is set to “1”
Watchdog timer reset (refer to 5.5 Watchdog Timer Reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com