Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 69Page - Renesas Technology Corp R8C/14 Datasheet HTML 70Page - Renesas Technology Corp R8C/14 Datasheet HTML 71Page - Renesas Technology Corp R8C/14 Datasheet HTML 72Page - Renesas Technology Corp R8C/14 Datasheet HTML 73Page - Renesas Technology Corp R8C/14 Datasheet HTML 74Page - Renesas Technology Corp R8C/14 Datasheet HTML 75Page - Renesas Technology Corp R8C/14 Datasheet HTML 76Page - Renesas Technology Corp R8C/14 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 61 of 253
REJ09B0164-0210
11.1.6
Interrupt Control
The following describes enable/disable the maskable interrupts and set the priority order to
acknowledge. The contents explained does not apply to the nonmaskable interrupts.
Use the I flag in the FLG register, IPL and the ILVL2 to ILVL0 bits in each interrupt control register to
enable/disable the maskable interrupts. Whether an interrupt is requested is indicated by the IR bit in
each interrupt control register.
Figure 11.3 shows the Interrupt Control Register and Figure 11.4 shows the INT0IC Register
Figure 11.3
Interrupt Control Register
Interrupt Control Register
(2)
Symbol
Address
After Reset
KUPIC
004Dh
XXXXX000b
ADIC
004Eh
XXXXX000b
SSUAIC
004Fh
XXXXX000b
CMP1IC
0050h
XXXXX000b
S0TIC
0051h
XXXXX000b
S0RIC
0052h
XXXXX000b
TXIC
0056h
XXXXX000b
TZIC
0058h
XXXXX000b
INT1IC
0059h
XXXXX000b
INT3IC
005Ah
XXXXX000b
TCIC
005Bh
XXXXX000b
CMP0IC
005Ch
XXXXX000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2. To rew rite the interrupt control register, rew rite it w hen the interrupt request w hich is applicable for its register is not
generated. Refer to 20.2.6 Changing Interrupt Control Registers.
b7 b6 b5 b4 b3 b2 b1 b0
ILVL0
RW
Interrupt Priority Level Select Bit
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
IR
Interrupt Request Bit
0 : Requests no interrupt
1 : Requests interrupt
RW(1)
—
(b7-b4)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
Only “0” can be w ritten to the IR bit. Do not w rite “ 1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com