Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 41Page - Renesas Technology Corp R8C/14 Datasheet HTML 42Page - Renesas Technology Corp R8C/14 Datasheet HTML 43Page - Renesas Technology Corp R8C/14 Datasheet HTML 44Page - Renesas Technology Corp R8C/14 Datasheet HTML 45Page - Renesas Technology Corp R8C/14 Datasheet HTML 46Page - Renesas Technology Corp R8C/14 Datasheet HTML 47Page - Renesas Technology Corp R8C/14 Datasheet HTML 48Page - Renesas Technology Corp R8C/14 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 277 page
background image
R8C/14 Group, R8C/15 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 33 of 253
REJ09B0164-0210
6.3
Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Table 6.3 lists the Setting Procedure of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Associated Bit. Figure 6.8 shows the Operating Example of Voltage Monitor 2 Interrupt and Voltage
Monitor 2 Reset. When using the voltage monitor 2 interrupt or voltage monitor 2 reset to exit stop
mode, set the VW2C1 bit in the VW2C register to “1” (digital filter disabled).
NOTES:
1. Set the VW2C7 bit to “1” (when VCC reaches Vdet2 or below) for the voltage monitor 2 reset.
2. When the VW2C0 bit is set to “0” (disabled), procedures 3, 4 and 5 can be executed simultaneously
(with 1 instruction).
Table 6.3
Setting Procedure of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Associated Bit
Procedure
When Using Digital Filter
When Not Using Digital Filter
Voltage Monitor 2
Interrupt
Voltage Monitor 2
Reset
Voltage Monitor 2
Interrupt
Voltage Monitor 2
Reset
1
Set the VCA27 bit in the VCA2 register to “1” (voltage detection 2 circuit enabled)
2
Wait for td(E-A)
3(2)
Select the sampling clock of the digital filter
by the VW2F0 to VW2F1 bits in the VW2C
register
Select the timing of the interrupt and reset
request by the VW2C7 bit in the VW2C
register(1)
4(2)
Set the VW2C1 bit in the VW2C register to
“0” (digital filter enabled)
Set the VW2C1 bit in the VW2C register to
“1” (digital filter disabled)
5(2)
Set the VW2C6 bit in
the VW2C register to
“0” (voltage monitor 2
interrupt mode)
Set the VW2C6 bit in
the VW2C register to
“1” (voltage monitor 2
reset mode)
Set the VW2C6 bit in
the VW2C register to
“0” (voltage monitor 2
interrupt mode)
Set the VW2C6 bit in
the VW2C register to
“1” (voltage monitor 2
reset mode)
6
Set the VW2C2 bit in the VW2C register to “0” (passing of Vdet2 is not detected)
7
Set the CM14 bit in the CM1 register to “0”
(low-speed on-chip oscillator on)
−
8
Wait for the sampling clock of the digital filter
x 4 cycles
− (no wait time)
9
Set the VW2C0 bit in the VW2C register to “1” (enables voltage monitor 2 interrupt / reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com