Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 52Page - Renesas Technology Corp R8C/14 Datasheet HTML 53Page - Renesas Technology Corp R8C/14 Datasheet HTML 54Page - Renesas Technology Corp R8C/14 Datasheet HTML 55Page - Renesas Technology Corp R8C/14 Datasheet HTML 56Page - Renesas Technology Corp R8C/14 Datasheet HTML 57Page - Renesas Technology Corp R8C/14 Datasheet HTML 58Page - Renesas Technology Corp R8C/14 Datasheet HTML 59Page - Renesas Technology Corp R8C/14 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 277 page
background image
R8C/14 Group, R8C/15 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 44 of 253
REJ09B0164-0210
Figure 9.6
HRA1 and HRA2 Registers
High-speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
HRA1
0021h
When Shipping
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
RW
Function
The frequency of high-speed on-chip oscillator is adjusted w ith bits 0 to 7.
High-speed on-chip oscillator frequency = 8MHz
(HRA1 register = value w hen shipping ; fRING-fast mode 0)
Set the value of the HRA1 register to smaller (minimum value : 00h), the frequency w ill be
higher
Set the value of the HRA1 register to larger (maximum value : FFh), the frequecny w ill be
low er
b3 b2 b1 b0
b7 b6 b5 b4
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
HRA2
0022h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1. Set the PRC0 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
2.
3.
4.
High-speed on-chip oscillator frequency = 8MHz (HRA1 register = value w hen shipping)
If fRING-fast mode 0 is sw itched to fRING-fast mode 1, frequency w ill increase 1.5 times.
If fRING-fast mode 0 is sw itched to fRING-fast mode 2, frequency w ill increase 0.5 times.
—
(b4-b2)
Reserved Bit
Set to “0”
RW
—
(b7-b5)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
HRA20
RW
HRA21
RW
High-Speed On-Chip Oscillator Mode
Select Bit
b1 b0
0 0 : fRING-fast mode 0(2)
0 1 : fRING-fast mode 1(3)
1 0 : fRING-fast mode 2(4)
1 1 : Do not set
00
0
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com