Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 72Page - Renesas Technology Corp R8C/14 Datasheet HTML 73Page - Renesas Technology Corp R8C/14 Datasheet HTML 74Page - Renesas Technology Corp R8C/14 Datasheet HTML 75Page - Renesas Technology Corp R8C/14 Datasheet HTML 76Page - Renesas Technology Corp R8C/14 Datasheet HTML 77Page - Renesas Technology Corp R8C/14 Datasheet HTML 78Page - Renesas Technology Corp R8C/14 Datasheet HTML 79Page - Renesas Technology Corp R8C/14 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 64 of 253
REJ09B0164-0210
11.1.6.4
Interrupt Sequence
An interrupt sequence is performed between an interrupt request acknowledgement and interrupt
routine execution.
When an interrupt request is generated while an instruction is executed, the CPU determines its
interrupt priority level after the instruction is completed. The CPU starts the interrupt sequence from
the following cycle. However, in regards to the SMOVB, SMOVF, SSTR or RMPA instruction, if an
interrupt request is generated while executing the instruction, the microcomputer suspends the
instruction to start the interrupt sequence. The interrupt sequence is performed as follows. Figure
11.5 shows the Time Required for Executing Interrupt Sequence.
(1) The CPU gets interrupt information (interrupt number and interrupt request level) by reading
the address 00000h. The IR bit for the corresponding interrupt is set to “0” (interrupt not
requested).
(2) The FLG register immediately before entering the interrupt sequence is saved to the CPU
internal temporary register(1).
(3) The I, D and U flags in the FLG register are set as follows:
The I flag is set to “0” (disables interrupts).
The D flag is set to “0” (disables single-step interrupt).
The U flag is set to “0” (ISP selected).
However, the U flag does not change state if an INT instruction for software interrupt numbers
32 to 63 is executed.
(4) The CPU’s internal temporary register(1) is saved to the stack.
(5) The PC is saved to the stack.
(6) The interrupt priority level of the acknowledged interrupt is set in the IPL.
(7) The starting address of the interrupt routine set in the interrupt vector is stored in the PC.
After the interrupt sequence is completed, the instructions are executed from the starting address of
the interrupt routine.
NOTES:
1. This register cannot be used by user.
Figure 11.5
Time Required for Executing Interrupt Sequence
12
3
4
5
678
9
10
11
12
13
14
15
16
17
18
19
20
CPU Clock
Address Bus
Data Bus
RD
WR
Address
0000h
Indeterminate
Indeterminate
Indeterminate
Interrupt
information
SP-2 SP-1
SP-4
SP-3
VEC
VEC+1
VEC+2
PC
SP-2
contents
SP-1
contents
SP-4
contents
SP-3
contents
VEC
contents
VEC+1
contents
VEC+2
contents
The indeterminate state depends on the instruction queue buffer. A read cycle occurs when the instruction queue buffer is
ready to acknowledge instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com