Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 85Page - Renesas Technology Corp R8C/14 Datasheet HTML 86Page - Renesas Technology Corp R8C/14 Datasheet HTML 87Page - Renesas Technology Corp R8C/14 Datasheet HTML 88Page - Renesas Technology Corp R8C/14 Datasheet HTML 89Page - Renesas Technology Corp R8C/14 Datasheet HTML 90Page - Renesas Technology Corp R8C/14 Datasheet HTML 91Page - Renesas Technology Corp R8C/14 Datasheet HTML 92Page - Renesas Technology Corp R8C/14 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 77 of 253
REJ09B0164-0210
Figure 11.19
AIER, RMAD0 to RMAD1 Registers
Address Match Interrupt Enable Register
Symbol
Address
After Reset
AIER
0009h
00h
Bit Symbol
Bit Name
Function
RW
AIER1
Address Match Interrupt 1 Enable Bit
AIER0
0 : Disable
1 : Enable
RW
b2 b1 b0
Address Match Interrupt 0 Enable Bit
—
(b7-b2)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
b7 b6 b5 b4
0 : Disable
1 : Enable
RW
b3
Address Match Interrupt Register i(i=0,1)
b0
Symbol
Address
After Reset
RMAD0
0012h-0010h
X00000h
RMAD1
0016h-0014h
X00000h
Setting Range
RW
(b15)
b7
(b8)
b0 b7
00000h to FFFFFh
Function
RW
—
—
(b7-b4)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
Address setting register for address match interrupt
(b16)
b0
(b19)
b3
(b23)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com