Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 54Page - Renesas Technology Corp R8C/14 Datasheet HTML 55Page - Renesas Technology Corp R8C/14 Datasheet HTML 56Page - Renesas Technology Corp R8C/14 Datasheet HTML 57Page - Renesas Technology Corp R8C/14 Datasheet HTML 58Page - Renesas Technology Corp R8C/14 Datasheet HTML 59Page - Renesas Technology Corp R8C/14 Datasheet HTML 60Page - Renesas Technology Corp R8C/14 Datasheet HTML 61Page - Renesas Technology Corp R8C/14 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 277 page
background image
R8C/14 Group, R8C/15 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 46 of 253
REJ09B0164-0210
9.2
On-Chip Oscillator Clock
This clock is supplied by an on-chip oscillator. The on-chip oscillator contains a high-speed on-chip
oscillator and a low-speed on-chip oscillator. Either an on-chip oscillator clock is selected by the HRA01
bit in the HRA0 register.
9.2.1
Low-Speed On-Chip Oscillator Clock
The clock generated by the low-speed on-chip oscillator is used as the clock source for the CPU
clock, peripheral function clock, fRING, fRING128 and fRING-S.
After reset, the on-chip oscillator clock generated by the low-speed on-chip oscillator by divide-by-8
is selected for the CPU clock.
If the main clock stops oscillating when the OCD1 to OCD0 bits in the OCD register are set to “11b”
(oscillation stop detection function enabled), the low-speed on-chip oscillator automatically starts
operating, supplying the necessary clock for the microcomputer.
The frequency of the low-speed on-chip oscillator varies depending on the supply voltage and the
operating ambient temperature. The application products must be designed with sufficient margin for
the frequency change.
9.2.2
High-Speed On-Chip Oscillator Clock
The clock generated by the high-speed on-chip oscillator is used as the clock source for the CPU
clock, peripheral function clock, fRING, fRING128, and fRING1-fast.
After reset, the on-chip oscillator clock generated by the high-speed on-chip oscillator stops. The
oscillation starts by setting the HRA00 bit in the HRA0 register to “1” (high-speed on-chip oscillator
on). The frequency can be adjusted by the HRA1 and HRA2 registers.
Since the difference in delay between the bits, adjust by changing each bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com