Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 22Page - Renesas Technology Corp R8C/14 Datasheet HTML 23Page - Renesas Technology Corp R8C/14 Datasheet HTML 24Page - Renesas Technology Corp R8C/14 Datasheet HTML 25Page - Renesas Technology Corp R8C/14 Datasheet HTML 26Page - Renesas Technology Corp R8C/14 Datasheet HTML 27Page - Renesas Technology Corp R8C/14 Datasheet HTML 28Page - Renesas Technology Corp R8C/14 Datasheet HTML 29Page - Renesas Technology Corp R8C/14 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 277 page
background image
R8C/14 Group, R8C/15 Group
3. Memory
Rev.2.10
Jan 19, 2006
Page 14 of 253
REJ09B0164-0210
3.2
R8C/15 Group
Figure 3.2 is a Memory Map of R8C/15 Group. The R8C/15 group provides 1-Mbyte address space from
addresses 00000h to FFFFFh.
The internal ROM (program ROM) is allocated lower addresses beginning with address 0FFFFh. For
example, a 16-Kbyte internal ROM is allocated addresses 0C000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting
address of each interrupt routine.
The internal ROM (data flash) is allocated addresses 02400h to 02BFFh.
The internal RAM is allocated higher addresses beginning with address 00400h. For example, a 1-
Kbyte internal RAM is allocated addresses 00400h to 007FFh. The internal RAM is used not only for
storing data but for calling subroutines and stacks when interrupt request is acknowledged.
Special function registers (SFR) are allocated addresses 00000h to 002FFh. The peripheral function
control registers are allocated them. All addresses, which have nothing allocated within the SFR, are
reserved area and cannot be accessed by users.
Figure 3.2
Memory Map of R8C/15 Group
Undefined Instruction
Overflow
BRK Instruction
Address Match
Single Step
Watchdog Timer • Oscillation Stop Detection • Voltage Monitor 2
Address Break
(Reserved)
Reset
Part Number
Internal ROM
Internal RAM
Size
0YYYYh
R5F21154SP, R5F21154DSP
R5F21153SP, R5F21153DSP
R5F21152SP, R5F21152DSP
16K bytes
12K bytes
8K bytes
0C000h
0D000h
0E000h
1K byte
768 bytes
512 bytes
007FFh
006FFh
005FFh
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(Program ROM)
Expansion Area
Internal RAM
SFR
(See 4. Special Function
Register (SFR))
0FFFFh
0FFDCh
Size
0XXXXh
02BFFh
02400h
Internal ROM
(Data Flash)(1)
NOTES:
1. The data flash block A (1 Kbyte) and block B (1 Kbyte) are shown.
2. Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com