Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 33Page - Renesas Technology Corp R8C/14 Datasheet HTML 34Page - Renesas Technology Corp R8C/14 Datasheet HTML 35Page - Renesas Technology Corp R8C/14 Datasheet HTML 36Page - Renesas Technology Corp R8C/14 Datasheet HTML 37Page - Renesas Technology Corp R8C/14 Datasheet HTML 38Page - Renesas Technology Corp R8C/14 Datasheet HTML 39Page - Renesas Technology Corp R8C/14 Datasheet HTML 40Page - Renesas Technology Corp R8C/14 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 277 page
background image
R8C/14 Group, R8C/15 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 25 of 253
REJ09B0164-0210
6.
Voltage Detection Circuit
The voltage detection circuit is a circuit to monitor the input voltage to the VCC pin. This circuit monitors the
VCC input voltage by the program. And the voltage monitor 1 reset, voltage monitor 2 interrupt and voltage
monitor 2 reset can be used.
Table 6.1 lists the Specification of Voltage Detection Circuit and Figures 6.1 to 6.3 show the Block
Diagrams. Figures 6.4 to 6.6 show the Associated Registers.
Table 6.1
Specification of Voltage Detection Circuit
Item
Voltage Detection 1
Voltage Detection 2
VCC Monitor
Voltage to Monitor
Vdet1
Vdet2
Detection Target
Whether passing
through Vdet1 by rising
or falling
Whether passing
through Vdet2 by rising
or falling
Monitor
None
VCA13 bit in VCA1
register
Whether VCC is higher
or lower than Vdet2
Process When Voltage Is
Detected
Reset
Voltage Monitor 1 Reset
Voltage Monitor 2 Reset
Reset at Vdet1 > VCC;
Restart CPU operation at
VCC > Vdet1
Reset at Vdet2 > VCC
Restart CPU operation
after a specified time
Interrupt
None
Voltage Monitor 2
Interrupt
Interrupt request at
Vdet2 > VCC and VCC >
Vdet2 when digital filter
is enabled;
Interrupt request at
Vdet2 > VCC or VCC >
Vdet2 when digital filter
is disabled
Digital Filter
Switch
Enabled / Disabled
Available
Available
Sampling Time
(Divide-by-n of fRING-S)
x 4
n : 1, 2, 4 and 8
(Divide-by-n of fRING-S)
x 4
n : 1, 2, 4 and 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com