Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 68Page - Renesas Technology Corp R8C/14 Datasheet HTML 69Page - Renesas Technology Corp R8C/14 Datasheet HTML 70Page - Renesas Technology Corp R8C/14 Datasheet HTML 71Page - Renesas Technology Corp R8C/14 Datasheet HTML 72Page - Renesas Technology Corp R8C/14 Datasheet HTML 73Page - Renesas Technology Corp R8C/14 Datasheet HTML 74Page - Renesas Technology Corp R8C/14 Datasheet HTML 75Page - Renesas Technology Corp R8C/14 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 60 of 253
REJ09B0164-0210
11.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes from the starting address set in the INTB register.
Table 11.2 lists the Relocatable Vector Tables.
NOTES:
1. These addresses are relative to those in the INTB register.
2. The I flag does not disable these interrupts.
Table 11.2
Relocatable Vector Tables
Interrupt Factor
Vector Address(1)
Address (L) to Address (H)
Software
Interrupt Number
Reference
BRK Instruction(2)
+0 to +3(0000h to 0003h)
0
R8C/Tiny Series software
manual
−(Reserved)
1 to 12
Key Input
+52 to +55(0034h to 0037h)
13
11.3 Key Input Interrupt
A/D Converter
+56 to +59(0038h to 003Bh)
14
16. A/D Converter
SSU
+60 to +63(003Ch to 003Fh)
15
15. Clock Synchronous
Serial I/O with Chip Select
(SSU)
Compare 1
+64 to +67(0040h to 0043h)
16
13.3 Timer C
UART0 Transmit
+68 to +71(0044h to 0047h)
17
14. Serial Interface
UART0 Receive
+72 to +75(0048h to 004Bh)
18
−(Reserved)
19
−(Reserved)
20
−(Reserved)
21
Timer X
+88 to +91(0058h to 005Bh)
22
13.1 Timer X
−(Reserved)
23
Timer Z
+96 to +99(0060h to 0063h)
24
13.2 Timer Z
INT1
+100 to +103(0064h to 0067h)
25
11.2 INT interrupt
INT3
+104 to +107(0068h to 006Bh)
26
Timer C
+108 to +111(006Ch to 006Fh)
27
13.3 Timer C
Compare 0
+112 to +115(0070h to 0073h)
28
INT0
+116 to +119(0074h to 0077h)
29
11.2 INT interrupt
−(Reserved)
30
−(Reserved)
31
Software Interrupt(2) +128 to +131(0080h to 0083h) to
+252 to +255(00FCh to 00FFh)
32 to 63
R8C/Tiny Series
software manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com