Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 61Page - Renesas Technology Corp R8C/14 Datasheet HTML 62Page - Renesas Technology Corp R8C/14 Datasheet HTML 63Page - Renesas Technology Corp R8C/14 Datasheet HTML 64Page - Renesas Technology Corp R8C/14 Datasheet HTML 65Page - Renesas Technology Corp R8C/14 Datasheet HTML 66Page - Renesas Technology Corp R8C/14 Datasheet HTML 67Page - Renesas Technology Corp R8C/14 Datasheet HTML 68Page - Renesas Technology Corp R8C/14 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 277 page
background image
R8C/14 Group, R8C/15 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 53 of 253
REJ09B0164-0210
9.5
Oscillation Stop Detection Function
The oscillation stop detection function is a function to detect the stop of the main clock oscillating circuit.
The oscillation stop detection function can be enabled and disabled by the OCD1 to OCD0 bits in the
OCD register.
Table 9.5 lists the Specification of Oscillation Stop Detection Function.
When the main clock is the CPU clock source and the OCD1 to OCD0 bits are set to “11b” (oscillation
stop detection function enabled), the system is placed in the following state if the main clock stops.
• OCD2 bit in OCD register = 1 (on-chip oscillator clock selected)
• OCD3 bit in OCD register = 1 (main clock stops)
• CM14 bit in CM1 register = 0 (low-speed on-chip oscillator oscillates)
• Oscillation stop detection interrupt request is generated
9.5.1
How to Use Oscillation Stop Detection Function
• The oscillation stop detection interrupt shares the vector with the voltage monitor 2 interrupt and
the watchdog timer interrupt. When using the oscillation stop detection interrupt and watchdog
timer interrupt, the interrupt cause needs to be determined. Table 9.6 lists the Determine Interrupt
Factor of Oscillation Stop Detection, Watchdog Timer and Voltage Monitor 2 Interrupts.
• When the main clock is re-oscillated after oscillation stop, switch the main clock to the clock
source of the CPU clock and peripheral functions by a program.
• Figure 9.9 shows the Procedure of Switching Clock Source From Low-Speed On-Chip Oscillator
to Main Clock.
• To enter wait mode while using the oscillation stop detection function, set the CM02 bit to “0”
(peripheral function clock does not stop in wait mode).
• Since the oscillation stop detection function is a function preparing to stop the main clock by the
external cause, set the OCD1 to OCD0 bits to “00b” (oscillation stop detection function disabled)
when the main clock stops or oscillates in the program, that is stop mode is selected or the CM05
bit is changed.
• This function cannot be used when the main clock frequency is below 2 MHz. Set the OCD1 to
OCD0 bits to “00b” (oscillation stop detection function disabled).
• When using the low-speed on-chip oscillator clock for the CPU clock and clock sources of
peripheral functions after detecting the oscillation stop, set the HRA01 bit in the HRA0 register to
“0” (low-speed on-chip oscillator selected) and the OCD1 to OCD0 bits to “11b” (oscillation stop
detection function enabled).
When using the high-speed on-chip oscillator clock for the CPU clock and clock sources of
peripheral functions after detecting the oscillation stop, set the HRA01 bit to “1” (high-speed on-
chip oscillator selected) and the OCD1 to OCD0 bits to “11b” (oscillation stop detection function
enabled).
Table 9.5
Specification of Oscillation Stop Detection Function
Item
Specification
Oscillation Stop Detection Enable Clock
and Frequency Bandwidth
f(XIN)
≥ 2 MHz
Enabled Condition for Oscillation Stop
Detection Function
Set OCD1 to OCD0 bits to “11b” (oscillation stop detection
function enabled)
Operation at Oscillation Stop Detection
Oscillation stop detection interrupt is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com