Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 6Page - Renesas Technology Corp R8C/14 Datasheet HTML 7Page - Renesas Technology Corp R8C/14 Datasheet HTML 8Page - Renesas Technology Corp R8C/14 Datasheet HTML 9Page - Renesas Technology Corp R8C/14 Datasheet HTML 10Page - Renesas Technology Corp R8C/14 Datasheet HTML 11Page - Renesas Technology Corp R8C/14 Datasheet HTML 12Page - Renesas Technology Corp R8C/14 Datasheet HTML 13Page - Renesas Technology Corp R8C/14 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 277 page
background image
A - 6
20.2.1
Reading Address 00000h .................................................................236
20.2.2
SP Setting.........................................................................................236
20.2.3
External Interrupt and Key Input Interrupt ........................................236
20.2.4
Watchdog Timer Interrupt.................................................................236
20.2.5
Changing Interrupt Factor.................................................................237
20.2.6
Changing Interrupt Control Register.................................................238
20.3
Clock Generation Circuit .........................................................................239
20.3.1
Oscillation Stop Detection Function..................................................239
20.3.2
Oscillation Circuit Constants.............................................................239
20.4
Timers .....................................................................................................240
20.4.1
Timers X and Z .................................................................................240
20.4.2
Timer X .............................................................................................240
20.4.3
Timer Z .............................................................................................241
20.4.4
Timer C.............................................................................................241
20.5
Serial Interface ........................................................................................242
20.6
Clock Synchronous Serial I/O (SSU) with Chip Select............................243
20.6.1
Access Registers Associated with SSU ...........................................243
20.7
A/D Converter..........................................................................................244
20.8
Flash Memory Version ............................................................................245
20.8.1
CPU Rewrite Mode...........................................................................245
20.9
Noise .......................................................................................................248
20.9.1
Insert a bypass capacitor between VCC and VSS pins as the
countermeasures against noise and latch-up...................................248
20.9.2
Countermeasures against Noise Error of Port Control Registers.....248
21. Precaution for On-chip Debugger
249
Appendix 1. Package Dimensions
250
Appendix 2. Connecting Example between Serial Writer and On-Chip
Debugging Emulator
251
Appendix 3. Example of Oscillation Evaluation Circuit
252
Register Index
253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com