Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 44Page - Renesas Technology Corp R8C/14 Datasheet HTML 45Page - Renesas Technology Corp R8C/14 Datasheet HTML 46Page - Renesas Technology Corp R8C/14 Datasheet HTML 47Page - Renesas Technology Corp R8C/14 Datasheet HTML 48Page - Renesas Technology Corp R8C/14 Datasheet HTML 49Page - Renesas Technology Corp R8C/14 Datasheet HTML 50Page - Renesas Technology Corp R8C/14 Datasheet HTML 51Page - Renesas Technology Corp R8C/14 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 277 page
background image
R8C/14 Group, R8C/15 Group
7. Processor Mode
Rev.2.10
Jan 19, 2006
Page 36 of 253
REJ09B0164-0210
Figure 7.2
PM1 Register
Processor Mode Register 1
(1)
Symbol
Address
After Reset
PM1
0005h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
Reserved Bit
Set to “0”
—
(b0)
0 : Watchdog Timer Interrupt
1 : Watchdog Timer Reset(2)
RW
b7 b6 b5 b4
0
—
(b1)
RW
—
(b7)
RW
b3 b2
—
b1 b0
0
—
The PM12 bit is set to “1” by a program (It remains unchanged even if it is set to “0”).
When the CSPRO bit in the CSPR register is set to “1” (selects count source protect mode), the PM12 bit is
automatically set to “1”.
Reserved Bit
Set to “0”
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
Set the PRC1 bit in the PRCR register to “1” (w rite enable) before rew riting to this register.
—
(b6-b3)
PM12
WDT Interrupt/Reset Sw itch Bit
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com