Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 120Page - Renesas Technology Corp R8C/14 Datasheet HTML 121Page - Renesas Technology Corp R8C/14 Datasheet HTML 122Page - Renesas Technology Corp R8C/14 Datasheet HTML 123Page - Renesas Technology Corp R8C/14 Datasheet HTML 124Page - Renesas Technology Corp R8C/14 Datasheet HTML 125Page - Renesas Technology Corp R8C/14 Datasheet HTML 126Page - Renesas Technology Corp R8C/14 Datasheet HTML 127Page - Renesas Technology Corp R8C/14 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 112 of 253
REJ09B0164-0210
NOTES:
1. Set the TZS bit in the TZMR register to “1” (count starts).
2. Set the TZS bit to “1” (count starts), the INT0EN bit in the INTEN register to “1” (enables INT0 input),
and the INOSTG bit in the PUM register to “1” (enabling INT0 one-shot trigger). A trigger which is
input during the count cannot be acknowledged, however the INT0 interrupt request is generated.
3. The setting values are reflected beginning with the following one-shot pulse after writing to the
TZPR register.
Table 13.10
Specification of Programmable Wait One-Shot Generation Mode Specifications
Item
Specification
Count Source
f1, f2, f8, Timer X underflow
Count Operation
• Decrement the setting value in Timer Z primary
• When a count of TZPR register underflows, the timer reloads the
contents of the TZSC register before the count continues.
• When a count of the TZSC register underflows, the timer reloads the
contents of the TZPR register before the count completes and the TZOS
bit is set to “0”.
• When a count stops, the timer reloads the contents of the reload register
before it stops.
Wait Time
(n+1)(m+1)/fi
fi: Count source frequency
n: setting value in PREZ register, m: setting value in TZPR register
One-Shot Pulse Output Time (n+1)(p+1)/fi
fi: Count source frequency
n: setting value in PREZ register, p: setting value in TZSC register
Count Start Condition
• Set the TZOS bit in the TZOC register to “1” (one-shot starts)(1)
• Input active trigger to the INT0 pin(2)
Count Stop Condition
• When reloading completes after Timer Z underflows during secondary
period
• When the TZS bit in the TZMR register is set to “0” (count stops)
• When the TZOS bit in the TZOC register is set to “0” (one-shot stops)
Interrupt Request
Generation Timing
In half cycles of the count source after Timer Z underflows during
secondary period (complete at the same time as waveform output from the
TZOUT pin) [timer Z interrupt]
TZOUT Pin Function
Pulse output
(When using this function as a programmable I/O port, set to timer mode.)
INT0 Pin Function
• When the INOSTG bit in the PUM register is set to “0” (INT0 one-shot
trigger disabled), programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the PUM register is set to “1” (INT0 one-shot
trigger enabled), external trigger (INT0 interrupt input)
Read from Timer
The count value can be read out by reading the TZPR and PREZ
registers.
Write to Timer
The value written to the TZPR register, PREZ and TZSC register is written
to reload register only(3).
Select Function
• Output level latch select function
The output level for the one-shot pulse waveform is selected by the
TZOPL bit.
•INT0 pin one-shot trigger control function and polarity select function
Trigger input from the INT0 pin can be set to active or inactive by the
INOSTG bit. Also, an active trigger's polarity can be selected by the
INOSEG bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com