Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 180Page - Renesas Technology Corp R8C/14 Datasheet HTML 181Page - Renesas Technology Corp R8C/14 Datasheet HTML 182Page - Renesas Technology Corp R8C/14 Datasheet HTML 183Page - Renesas Technology Corp R8C/14 Datasheet HTML 184Page - Renesas Technology Corp R8C/14 Datasheet HTML 185Page - Renesas Technology Corp R8C/14 Datasheet HTML 186Page - Renesas Technology Corp R8C/14 Datasheet HTML 187Page - Renesas Technology Corp R8C/14 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 277 page
background image
R8C/14 Group, R8C/15 Group
16. A/D Converter
Rev.2.10
Jan 19, 2006
Page 172 of 253
REJ09B0164-0210
16.1
One-Shot Mode
In one-shot mode, the input voltage on one selected pin is A/D converted once. Table 16.2 lists the
Specification of One-Shot Mode. Figure 16.4 shows the ADCON0 and ADCON1 Registers in One-Shot
Mode.
Table 16.2
Specification of One-Shot Mode
Item
Specification
Function
The input voltage on one selected pin by the CH2 to CH0 bits is A/D
converted once
Start Condition
• When the ADCAP bit is set to “0” (software trigger),
set the ADST bit to “1” (A-D conversion starts)
• When the ADCAP bit is set to “1” (capture),
Timer Z interrupt request is generated while the ADST bit is set to “1”
Stop Condition
• A/D conversion completes (ADST bit is set to “0”)
• Set the ADST bit to “0”
Interrupt Request
Generation Timing
A/D conversion completes
Input Pin
Select one of AN8 to AN11
Reading of A/D Conversion
Result
Read AD register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com