Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 226Page - Renesas Technology Corp R8C/14 Datasheet HTML 227Page - Renesas Technology Corp R8C/14 Datasheet HTML 228Page - Renesas Technology Corp R8C/14 Datasheet HTML 229Page - Renesas Technology Corp R8C/14 Datasheet HTML 230Page - Renesas Technology Corp R8C/14 Datasheet HTML 231Page - Renesas Technology Corp R8C/14 Datasheet HTML 232Page - Renesas Technology Corp R8C/14 Datasheet HTML 233Page - Renesas Technology Corp R8C/14 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 277 page
background image
R8C/14 Group, R8C/15 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 218 of 253
REJ09B0164-0210
NOTES:
1.
VCC = AVCC = 2.7 to 5.5V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
If f1 exceeds 10MHz, divide the f1 and hold A/D operating clock frequency (
φAD) 10MHz or below.
3.
If the AVcc is less than 4.2V, divide the f1 and hold A/D operating clock frequency (
φAD) f1/2 or below.
4.
Hold VCC = Vref
Figure 19.1
Port P1, P3 and P4 Measurement Circuit
Table 19.3
A/D Converter Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
Vref = VCC
−−
10
Bits
−
Absolute
Accuracy
10-Bit Mode
φAD = 10MHz, Vref = VCC = 5.0V
−−
±3
LSB
8-Bit Mode
φAD = 10MHz, Vref = VCC = 5.0V
−−
±2
LSB
10-Bit Mode
φAD = 10MHz, Vref = VCC = 3.3V(3)
−−
±5
LSB
8-Bit Mode
φAD = 10MHz, Vref = VCC = 3.3V(3)
−−
±2
LSB
Rladder
Resistor Ladder
Vref = VCC
10
−
40
k
Ω
tconv
Conversion Time
10-Bit Mode
φAD = 10MHz, Vref = VCC = 5.0V
3.3
−−
µs
8-Bit Mode
φAD = 10MHz, Vref = VCC = 5.0V
2.8
−−
µs
Vref
Reference voltage
−
VCC(4)
−
V
VIA
Analog Input Voltage
0
−
Vref
V
−
A/D Operating
Clock
Frequency(2)
Without Sample & Hold
0.25
−
10
MHz
With Sample & Hold
1
−
10
MHz
P1
P3
P4
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com